Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9000 Datasheet(PDF) 11 Page - Davicom Semiconductor, Inc.

Part # DM9000
Description  ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000 Datasheet(HTML) 11 Page - Davicom Semiconductor, Inc.

Back Button DM9000 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9000 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9000 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9000 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9000 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9000 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9000 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9000 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9000 Datasheet HTML 15Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
11
Version: DM9000-DS-F03
April 23, 2009
6. Vendor Control and Status Register Set
The DM9000 implements several control and status
registers, which can be accessed by the host. These CSRs
are byte aligned. All CSRs are set to their default values by
hardware or software reset unless they are specified
Register
Description
Offset
Default value
after reset
NCR
Network Control Register
00H
00H
NSR
Network Status Register
01H
00H
TCR
TX Control Register
02H
00H
TSR I
TX Status Register I
03H
00H
TSR II
TX Status Register II
04H
00H
RCR
RX Control Register
05H
00H
RSR
RX Status Register
06H
00H
ROCR
Receive Overflow Counter Register
07H
00H
BPTR
Back Pressure Threshold Register
08H
37H
FCTR
Flow Control Threshold Register
09H
38H
FCR
RX Flow Control Register
0AH
00H
EPCR
EEPROM & PHY Control Register
0BH
00H
EPAR
EEPROM & PHY Address Register
0CH
40H
EPDRL
EEPROM & PHY Low Byte Data Register
0DH
XXH
EPDRH
EEPROM & PHY High Byte Data Register
0EH
XXH
WCR
Wake Up Control Register
0FH
00H
PAR
Physical Address Register
10H-15H
Determined by
EEPROM
MAR
Multicast Address Register
16H-1DH
XXH
GPCR
General Purpose Control Register
1EH
01H
GPR
General Purpose Register
1FH
XXH
TRPAL
TX SRAM Read Pointer Address Low Byte
22H
00H
TRPAH
TX SRAM Read Pointer Address High Byte
23H
00H
RWPAL
RX SRAM Write Pointer Address Low Byte
24H
04H
RWPAH
RX SRAM Write Pointer Address High Byte
25H
0CH
VID
Vendor ID
28H-29H
0A46H
PID
Product ID
2AH-2BH
9000H
CHIPR
CHIP Revision
2CH
00H
SMCR
Special Mode Control Register
2FH
00H
MRCMDX
Memory Data Read Command Without Address Increment
Register
F0H
XXH
MRCMD
Memory Data Read Command With Address Increment
Register
F2H
XXH
MRRL
Memory Data Read_ address Register Low Byte
F4H
00H
MRRH
Memory Data Read_ address Register High Byte
F5H
00H
MWCMDX
Memory Data Write Command Without Address Increment
Register
F6H
XXH
MWCMD
Memory Data Write Command With Address Increment
Register
F8H
XXH
MWRL
Memory Data Write_ address Register Low Byte
FAH
00H


Similar Part No. - DM9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000A DAVICOM-DM9000A Datasheet
544Kb / 60P
   Ethernet Controller with General Processor Interface
logo
List of Unclassifed Man...
DM9000AE ETC1-DM9000AE Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
More results

Similar Description - DM9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
Microchip Technology
LAN7430 MICROCHIP-LAN7430 Datasheet
1Mb / 77P
   Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
05/14/19
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
   PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
   PCI 10/100 Ethernet controller with integrated PHY (3.3V)
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
   78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
Synaptics Incorporated.
CX92235 CONEXANT-CX92235 Datasheet
222Kb / 2P
   Integrated 10/100 Ethernet MAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com