Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9000E Datasheet(PDF) 7 Page - Davicom Semiconductor, Inc.

Part # DM9000E
Description  ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000E Datasheet(HTML) 7 Page - Davicom Semiconductor, Inc.

Back Button DM9000E Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9000E Datasheet HTML 11Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
7
Version: DM9000-DS-F03
April 23, 2009
5. Pin Description
I= Input, O=Output, I/O= Input/Output, O/D= Open Drain, P= Power,
LI= reset Latch Input, #= asserted low
5.1 MII Interface
Pin No.
Pin Name
I/O
Description
37
LINK_I
I
External MII device link status
41,40,39,
38
RXD [3:0]
I
External MII Receive Data
4-bit nibble data input (synchronous to RXCLK) when in 10/100 Mbps. MII mode
43
CRS
I/O
External MII Carrier Sense
Active high to indicate the pressure of carrier, due to receive or transmit activities
in 10 Base-T or 100 Base-TX mode. This pin is output in reverse MII interface.
44
COL
I/O
External MII Collision Detect. This pin is output in reverse MII interface.
45
RX_DV
I
External MII Receive Data Valid
46
RX_ER
I
External MII Receive Error
47
RX_CLK
I
External MII Receive Clock
49
TX_CLK
I/O
External MII Transmit Clock. This pin in output in MII interface.
53,52,51,
50
TXD [3:0]
O
External MII Transmit Data
4-bit nibble data outputs (synchronous to the TX_CLK) when in 10/100Mbps
nibble mode
TXD [2:0] is also used as the strap pins of IO base address.
IO base = (strap pin value of TXD [2:0]) * 10H + 300H
54
TX_ EN
O
External MII Transmit Enable
56
MDIO
I/O
MII Serial Management Data
57
MDC
O
MII Serial Management Data Clock
This pin is also used as the strap pin of the polarity of the INT pin
When the MDC pin is pulled high, the INT pin is low active; otherwise the INT pin
is high active
Note: The pins of MII interface are all have a pulled down resistor about 60k ohm internally
5.2 Processor Interface
1
IOR#
I
Processor Read Command
This pin is low active at default, its polarity can be modified by EEPROM setting.
See the EEPROM content description for detail
2
IOW#
I
Processor Write Command
This pin is low active at default, its polarity can be modified by EEPROM setting.
See the EEPROM content description for detail
3
AEN
I
Address Enable
A low active signal used to select the DM9000.
4
IOWAIT
O
Processor Command Ready
When a command is issued before last command is completed, the IOWAIT will
be pulled low to indicate the current command is waited
14
RST
I
Hardware Reset Command, active high to reset the DM9000


Similar Part No. - DM9000E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000E ETC-DM9000E Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9000E DAVICOM-DM9000E Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results

Similar Description - DM9000E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
Microchip Technology
LAN7430 MICROCHIP-LAN7430 Datasheet
1Mb / 77P
   Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
05/14/19
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
   PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
   PCI 10/100 Ethernet controller with integrated PHY (3.3V)
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
   78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
Synaptics Incorporated.
CX92235 CONEXANT-CX92235 Datasheet
222Kb / 2P
   Integrated 10/100 Ethernet MAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com