Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA5093 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA5093
Description  22-26GHz High Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5093 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA5093 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA5093
22-26GHz High Power Amplifier
Ref. : DSCHA50930129 -09 May-00
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, Vd = 6V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
22
26
GHz
G
Small signal gain (1)
18
20
dB
∆G
Small signal gain flatness (1)
±1.5
dB
Is
Reverse isolation (1)
50
dB
P1dB
Pulsed output power at 1dB compression (1)
28
29
dBm
P03
Output power at 3dB gain compression
29.5
dBm
IP3
3
rd order intercept point (2)
40
dBm
PAE
Power added efficiency at 1dB comp.
19
%
VSWRin
Input VSWR
2.3:1
VSWRout
Output VSWR
2.3:1
Tj
Junction temperature for 80°C backside
170
°C
Id
Bias current
600
900
mA
(1) These values are representative for pulsed on-wafer measurements that are made without
bonding wires at the RF ports.
(2) Value representative for CW on jig measurement.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
6
V
Id
Drain bias current
1200
mA
Vg
Gate bias voltage
-2.5 to +0.4
V
Vgd
Negative gate drain voltage ( = Vg - Vd)
-8
V
Pin
Maximum peak input power overdrive (2)
+12
dBm
Ta
Operating temperature range
-40 to +80
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.


Similar Part No. - CHA5093

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5093TCF UMS-CHA5093TCF Datasheet
152Kb / 6P
   24-26GHz High Power Amplifier
CHA5093TCF/24 UMS-CHA5093TCF/24 Datasheet
152Kb / 6P
   24-26GHz High Power Amplifier
More results

Similar Description - CHA5093

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2441-QAG UMS-CHA2441-QAG_15 Datasheet
567Kb / 10P
   22-26GHz Low Noise Amplifier
CHA5093TCF UMS-CHA5093TCF Datasheet
152Kb / 6P
   24-26GHz High Power Amplifier
CHA5050-99F UMS-CHA5050-99F_15 Datasheet
462Kb / 10P
   17-26GHz Medium Power Amplifier
logo
Filtronic Compound Semi...
LMA208G FILTRONIC-LMA208G Datasheet
158Kb / 4P
   2-26GHz PHEMT Amplifier
logo
California Eastern Labs
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Fairchild Semiconductor
RMPA19000 FAIRCHILD-RMPA19000 Datasheet
232Kb / 8P
   18-22 GHz Power Amplifier MMIC
logo
NEC
MC-7866G NEC-MC-7866G Datasheet
23Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Vishay Barry
TV0402ZZ-XXXXWN-AA BARRY-TV0402ZZ-XXXXWN-AA Datasheet
148Kb / 2P
   DC - 26GHz Chip Termination
REV.D APR 4 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com