Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE43CA Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # P6KE43CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

P6KE43CA Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  P6KE43CA Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. P6KE43CA Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
P6KE SERIES
GLASS PASSIVATED JUNCTION TRAN-
SIENT VOLTAGE SUPPRESSOR
GLASS PASSIVATED JUNCTION TRAN-
SIENT VOLTAGE SUPPRESSOR
FEATURES
Plastic package has Underwrites Laboratory
Flammability Classification 94V-O
Glass passivated chip junction in DO-15 package
400W surge capability at 1 ms
Excellent clamping capability
Low zener impedance
Fast response time: typically less than 1.0 ps
from 0 volts to BV min.
Typical IR less than 1 A above 10V
High tempreature soldering guaranteed:
0
260 C/10 seconds /.375",(9.5mm)
lead length/51bs.,(2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO-15 Molded plastic
Terminals:Plated Axial leads, solderable per MIL-STD-202, Method 208
Polarity:Color band denotes cathode except Bipolar
Mounting Position:Any
Weight:0.015 ounce, 0.4 gram
VOLTAGE 6.8 to 440 VOLTS
600 WATT PEAK POWER
5.0 WATTS STEADY STATE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATINGS
SYMBOL
Operating Junction and Storage Temperature Range
PPK
PD
IFSM
TJ, TSTG
VALUE
Minimum 6000
100
5.0
-65 to + 175
Amps
UNITS
0
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig.2
22
2. Measured on copper Leaf area of 1.57 in (40mm )
3. 8.3mm single half sine-wave, duty cycle=4 pulses minutes maximum.
Watts
Watts
0C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load(JEDEC Method)(NOTE 3)
0
Peak Pulse Power Dissipation at TA=25 C, TP=1ms (NOTE 1)
0
Steady Power Dissipation at TL=75 C
Lead Lengths .375",(9.5mm)(NOTE 2)
DO-15


Similar Part No. - P6KE43CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE43CA SUNMATE-P6KE43CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Pan Jit International I...
P6KE43CA PANJIT-P6KE43CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
P6KE43CA PANJIT-P6KE43CA Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
P6KE43CA YFWDIODE-P6KE43CA Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Socay Electornics Co., ...
P6KE43CA SOCAY-P6KE43CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - P6KE43CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com