Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBC-657I-B10-02 Datasheet(PDF) 1 Page - AAEON Technology

Part # SBC-657I-B10-02
Description  VIA C3??Low Power Processor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

SBC-657I-B10-02 Datasheet(HTML) 1 Page - AAEON Technology

  SBC-657I-B10-02 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LVDS LCD
pin header
USB pin
header
TTL LCD pin header
40-pin IDE
connector
CFD slot (back)
FDD
connector
PC/104 socket
RJ-45 Ethernet
connector
COM port D-Sub
CRT D-Sub
Printer port pin header
COM port pin header
PS/2 Keyboard Mouse
Mini-DIN
Power input connector
VIA C3™ Low Power Processor
Specifications
System
CPU
System
Memory
144-pin SDRAM SODIMM x 1, Max. 512MB
(PC 100/133)
Chipset
I/O Chipset
Ethernet
BIOS
Watchdog Timer
SSD
Battery
Board Size
Gross Weight
Display
Chipset
Memory
I/O
MIO
IrDA
USB
Expansion Interface
Power Requirement
Operating Temperature
Onboard VIA C3™ 400/667/733/1000 MHz processor
VIA VT8606 + VT82C686B
VIA VT82C686B+Winbond W83977EF
Realtek 8139DL/8100BL, 10/100Base-TX RJ-45 connector x 1
AWARD 256 KB FLASH ROM
Generates a time-out system reset
Type II CompactFlash™ slot x 1
Lithium battery
7.3"(L) x 4.8"(W) (185mm x 122mm)
0.7lb (0.3kg)
VIA VT8606
Supports CRT and LCD simultaneous display
Shared system memory up to 32MB
LCD Interface
up to 36-bit dual channels TTL/LVDS TFT/DSTN LCD
Resolutions
up to 1600x1200@16bpp colors for CRT
up to 1024x768@18bpp colors for LCD
EIDE x 1(UDMA100 x 1), Floppy Disk Drive x 1, Keyboard+Mouse x 1,
RS-232 x 3, RS-232/422/485 x 1, Parallel x 1
One IrDA TX/Rx header
Two 5x2 pin headers support 4 USB 1.1 ports
ISA interface
PC/104 socket x 1
H/W Status
Monitoring
Supports power supply voltages, fan speed and
temperature monitoring
+5V, +12V. AT/ATX
32°F ~ 140°F (0°C ~ 60°C)
Onboard VIA C3™ Low Power Processor
36/18-bit Dual Channels LVDS/TTL TFT/DSTN LCD
Supports PC/104 slot
Supports Type II CompactFlash™ Memory
4 COM / 4 USB
Features
Packing List
1701400453 ATA100 Cable
1701340702 FDD Cable
1701100305 Serial Port Cable
1701010302 Parallel+Serial Port Cable
1700060192 Keyboard and Mouse Cable
1709100201 USB Cable
P90657B000 CFD Cover
Quick Installation Guide
Utility CD
SBC-657
Ordering Information
SBC-657-B10
Half-size PCISA SBC.w/400 Eden, ATX Power Connector. 4USBs. 4COMs.
LAN. LCD. Rev.B1.0
SBC-657I-B10-01
Half-size PCISA SBC.w/733 Eden, ATX Power Connector. 4USBs. 4COMs.
LAN. LCD. Rev. B1.0
SBC-657I-B10-02
Half-size PCISA SBC.w/667 Eden, ATX Power Connector. 4USBs. 4COMs.
LAN. LCD. Rev. B1.0
SBC-657I-B10-03
Half-size PCISA SBC.w/1000 Ezra, ATX Power Connector. 4USBs. 4COMs.
LAN. LCD. Rev. B1.0
Optional Accessories
1702200201
Conversion Cable for ATX to AT Power Supply (200mm) for SBC-657/660,
MB-662, PCM-6892/6893/6898, SBC-657/659/659P/780
PCM-3538R-B10
Daughter Board 18/24/36/48bit TTL Receiver, Rev.B1.0
AEC-204S1-01
4-slot Industrial Wallmount Chassis, PCISA, 150W, AT Power Supply,
BP-204SS-P1, Filter
OS-CE-420-657
Windows® CE.NET(Rev.4.2) SDK for SBC-657, English Version
CFC-032
32MB CompactFlashCard, 3.3/5V, suggested for Windows® CE.NET image
SBC-657
SBC-657
SBC-657
2
Half-size
SBC
1
Full-size
SBC
3
Embedded
Motherboards
2-14
www.aaeon.com
5
Industrial
backplanes
6
Industrial
Chassis
4
Mini PCI
Modules
7
Sun-readable
LCD Monitors
8
Accessories


Similar Part No. - SBC-657I-B10-02

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
SBC-659P AAEON-SBC-659P Datasheet
410Kb / 1P
   Intel Pentium III and Celeron Processors
SBC-659P-A11 AAEON-SBC-659P-A11 Datasheet
410Kb / 1P
   Intel Pentium III and Celeron Processors
More results

Similar Description - SBC-657I-B10-02

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-657I AAEON-HSB-657I Datasheet
377Kb / 1P
   VIA C3 Low Power Processor
GENE-6310B AAEON-GENE-6310B Datasheet
662Kb / 1P
   Onboard VIA C3??Low Power Processor
GENE-6310 AAEON-GENE-6310 Datasheet
662Kb / 1P
   Onboard VIA C3??Low Power Processor
PCM-6892 AAEON-PCM-6892 Datasheet
703Kb / 1P
   Onboard VIA C3?? Eden??Low Power Processors
PCM-6898 AAEON-PCM-6898 Datasheet
393Kb / 1P
   Intel Pentium III and Celeron Processors, VIA C3 Processor
AEC-6810 AAEON-AEC-6810 Datasheet
394Kb / 2P
   Fanless Design with VIA Eden??667MHz/ C3??1GHz Processor
AEC-6820B AAEON-AEC-6820B Datasheet
299Kb / 2P
   Fanless Design With VIA Eden??667 MHz/ C3??1 GHz Processor
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710_14 Datasheet
452Kb / 1P
   Low power fanless VIA V4 Eden/C7 processor onboard
logo
BOSER Technology Co., L...
HS-6252 BOSER-HS-6252 Datasheet
111Kb / 1P
   VIA C3/Eden processor PCI-ISA Bus SBC w/CRT, Dual LAN, Audio, 4 USB
HS-6253 BOSER-HS-6253_1 Datasheet
1Mb / 80P
   VIA C3 800MHz Embedded CPU Industrial Single Board Computer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com