Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3096CPE+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3096CPE+
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3096CPE+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3096CPE+ Datasheet HTML 3Page - Maxim Integrated Products MAX3096CPE+ Datasheet HTML 4Page - Maxim Integrated Products MAX3096CPE+ Datasheet HTML 5Page - Maxim Integrated Products MAX3096CPE+ Datasheet HTML 6Page - Maxim Integrated Products MAX3096CPE+ Datasheet HTML 7Page - Maxim Integrated Products MAX3096CPE+ Datasheet HTML 8Page - Maxim Integrated Products MAX3096CPE+ Datasheet HTML 9Page - Maxim Integrated Products MAX3096CPE+ Datasheet HTML 10Page - Maxim Integrated Products MAX3096CPE+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
_______________________________________________________________________________________
9
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50M to 100M
RD
330
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 5a. IEC 1000-4-2 ESD Test Model
Figure 5b. IEC 1000-4-2 ESD-Generator Current Waveform
Figure 4b. Human Body Model Current Waveform
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1.5k
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 4a. Human Body ESD Test Model


Similar Part No. - MAX3096CPE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3096CPE MAXIM-MAX3096CPE Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3096CPE MAXIM-MAX3096CPE Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results

Similar Description - MAX3096CPE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com