Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM-535I-B10 Datasheet(PDF) 1 Page - AAEON Technology

Part # PFM-535I-B10
Description  AMD Geode GX1 Processor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PFM-535I-B10 Datasheet(HTML) 1 Page - AAEON Technology

  PFM-535I-B10 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Packing List
9681533500
Cable Kit (IDE, Floppy Disk Drive, Parallel, Keyboard/Mouse, Serial x 2, VGA, RJ-
45 Conversion Cable, USB Cable)
QuickInstallationGuide
UtilityCD
PFM-535I
Onboard AMD Geode™ GX1 Processor
18-bit TTL TFT LCD
Supports Type I CompactFlash™ Memory
2 COM / 2 USB Ports
+5V Only Operation
Features
Specifications
System
CPU
System Memory
144-pin SDRAM SODIMM x 1, Max. 512MB
Chipset
I/O Chipset
Ethernet
BIOS
Watchdog Timer
SSD
Battery
Board Size
Gross Weight
Display
Chipset
Memory
I/O
MIO
IrDA
USB
Expansion Interface
Power Requirement
Operating Temperature
Onboard AMD Geode™ GX1 300MHz
AMD CS5530A
Winbond W83977F
Realtek 8139DL, 10/100Base-TX Ethernet pin header
AWARD 256KB FLASH ROM
Generate a time-out system reset
Type I CompactFlash™ Slot x 1
Lithium battery
3.55"(L) x 3.775"(W) (90mm x 96mm)
0.6lb (0.25kg)
AMD CS5530A
Shared system memory up to 4MB
LCD Interface
up to 18-bit TTL TFT LCD
Resolutions
up to 1024 x 768 @ 16bpp colors for CRT
up to 1024 x 768 @ 18bpp colors for LCD
EIDE x 1 (UDMA33 x 1), Floppy Disk Drive x 1, Keyboard+Mouse x 1
RS-232 x 1, RS-232/422/485 x 1, Parallel x 1
One IrDA Tx/Rx header
One 5x2 pin header supports 2 USB 1.1 ports
PC/104 socket x 1
+5V. AT
32°F ~ 140°F (0°C ~ 60°C) ,
-13°F ~ 176°F (-25°C ~ 80°C)(Optional)
Ordering Information
PFM-535I-B10
PC/104 CPU Module, GX1-300MHz, LAN, CF
PFM-533I-B10-Q01
PC/104 CPU Module, GX1-300MHz, LAN, CF, Xpress ROM
Keyboard & Mouse pin header
44 pin IDE connector
USB pin header
COM port pin header
Printer port
pin header
PC/104
socket
CRT
pin header
CFD slot (back)
RJ-45 Ethernet
pin header
Power input connector
TTL LCD pin header
AMD Geode™ GX1 Processor
Floppy Disk Drive
connector
2
5
PC/104
CPU
Modules
1
Compact
Boards
4
Media PC
3
Embedded
Motherboards
8
Mini PCI
Modules
6
ETX CPU
Modules
7
RISC CPU
Module
9
PC/104
Peripheral
Modules
5-2
www.aaeon.com
10
12
11
PFM-535I(PCM-5335Rev.B)
PFM-535I(PCM-5335Rev.B)
PFM-535I(PCM-5335Rev.B)
Subcompact
Boards
Full-size
SBC
Accessories
Half-size
SBC


Similar Part No. - PFM-535I-B10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-535S AAEON-PFM-535S Datasheet
252Kb / 2P
   PC/104 Module With DM&P Vortex86SX/Vortex86DX SoC Processor
More results

Similar Description - PFM-535I-B10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
   AMD Geode GX1 Processor
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
   AMD Geode GX1 Processor
HSB-460I AAEON-HSB-460I Datasheet
630Kb / 1P
   AMD Geode GX1 Processor
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
   AMD Geode GX1 Processor
logo
List of Unclassifed Man...
ECP-5414 ETC-ECP-5414 Datasheet
194Kb / 1P
   AMD Geode??GX1 Communication Platform
logo
AAEON Technology
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
logo
Advanced Micro Devices
SC3200 AMD-SC3200 Datasheet
3Mb / 447P
   AMD GEODE-TM SC3200 PROCESSOR
logo
AAEON Technology
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
logo
Axiomtek Co., Ltd.
NA-100 AXIOMTEK-NA-100 Datasheet
209Kb / 1P
   Ultra low power AMD Geode LX800 processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com