Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3095CSE+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3095CSE+
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3095CSE+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3095CSE+ Datasheet HTML 1Page - Maxim Integrated Products MAX3095CSE+ Datasheet HTML 2Page - Maxim Integrated Products MAX3095CSE+ Datasheet HTML 3Page - Maxim Integrated Products MAX3095CSE+ Datasheet HTML 4Page - Maxim Integrated Products MAX3095CSE+ Datasheet HTML 5Page - Maxim Integrated Products MAX3095CSE+ Datasheet HTML 6Page - Maxim Integrated Products MAX3095CSE+ Datasheet HTML 7Page - Maxim Integrated Products MAX3095CSE+ Datasheet HTML 8Page - Maxim Integrated Products MAX3095CSE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS—MAX3095
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC) ...............................................................7V
Control Input Voltage (G, G).......................-0.3V to (VCC + 0.3V)
Receiver Input Voltage (A_, B_)...........................................±25V
Receiver Output Voltage (Y_).....................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.5mW/°C above +70°C) .762mW
16-Pin SO (derate 8.7mW/°C above +70°C)................696mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
Operating Temperature Ranges
MAX309_C_ _ .....................................................0°C to +70°C
MAX309_E_ _...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
VCM = 0V
IEC1000-4-2 (Contact Discharge)
-7V
≤ VCM ≤ 12V
IEC1000-4-2 (Air-Gap Discharge)
Human Body Model
-7V
≤ VCM ≤ 12V
0
≤ VOUT ≤ VCC, G = VCC or G = GND
0
≤ VOUT ≤ VCC, G = GND and G = VCC
IOUT = 4mA, VID = -200mV,
G = VCC or G = GND, Figure 1
G = GND and G = VCC
IOUT = -4mA, VID = 200mV,
G = VCC or G = GND, Figure 1
No load, G = VCC or G = GND
CONDITIONS
±8
±15
kV
±15
ESD Protection
(Note 2)
µA
0.001
10
mA
2.4
3.5
ICC
Supply Current
mV
45
mV
-200
200
VTH
Receiver Differential Input
Threshold
Receiver Input Hysteresis
k
Ω
48
RIN
Receiver Input Resistance
mA
±7
±75
IOSR
Output Short-Circuit Current
µA
±1
IOZR
Three-State Current at Receiver
Output
V
0.4
VOL
Receiver Output Low Voltage
µA
±1
Enable Input Current (G, G)
V
2.0
VIH
Enable Input High Voltage (G, G)
V
0.8
VIL
Enable Input Low Voltage (G, G)
V
VCC - 1.5
VOH
Receiver Output High Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µA
250
IIN
Receiver Input Current (A_, B_)
VCC = 0V or 5.25V
VIN = 12V
-200
VIN = -7V


Similar Part No. - MAX3095CSE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095CSE MAXIM-MAX3095CSE Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095CSE MAXIM-MAX3095CSE Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results

Similar Description - MAX3095CSE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com