Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1745EUB+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1745EUB+
Description  High-Voltage, Step-Down DC-DC Controllers in μMAX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1745EUB+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1745EUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX1745EUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX1745EUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX1745EUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX1745EUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX1745EUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX1745EUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX1745EUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX1745EUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
High-Voltage, Step-Down DC-DC
Controllers in µMAX
_______________________________________________________________________________________
5
100
0
0.0001
0.001
0.01
0.1
1
10
EFFICIENCY vs. LOAD CURRENT
(VOUT = +3.3V)
20
LOAD CURRENT (A)
40
60
80
A: VIN = +5.5V
B: VIN = +12.0V
C: VIN = +24.0V
D: VIN = +36.0V
C
D
B
A
100
0
0.0001
0.001
0.01
0.1
1
10
EFFICIENCY vs. LOAD CURRENT
(VOUT = +5.0V)
20
LOAD CURRENT (A)
40
60
80
A: VIN = +7.2V
B: VIN = +12.0V
C: VIN = +24.0V
D: VIN = +36.0V
B
A
D
C
80
85
90
95
100
105
110
0
10203040
IN PIN QUIESCENT CURRENT
vs. INPUT VOLTAGE (5.5V TO 36V)
INPUT VOLTAGE (V)
0
1
4
5
6
3.5
4.5
5.5
IN PIN QUIESCENT CURRENT
vs. INPUT VOLTAGE (3.5V TO 5.5V)
INPUT VOLTAGE (V)
2
3
VOUT = 3.3V
0
60
40
20
80
120
100
140
0
10203040
SWITCHING FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VOUT = 3.3V
IOUT = 2.0A
IN PIN QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
86
87
88
89
90
91
92
93
94
95
85
-50
125
0
40
20
60
100
80
120
0
1000
2000
3000
4000
5000
EXT RISE AND FALL TIMES
vs. CAPACITANCE
CAPACITANCE (pF)
VIN = +5V
tFALL
tRISE
EXT RISE AND FALL TIMES
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
5
10
15
20
25
30
35
40
45
50
0
-50
125
tRISE
tFALL
VIN = +5V
CL = 1000pF
CURRENT-SENSE TRIP LEVEL
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
90
95
100
105
110
115
85
-50
125
Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise specified.)


Similar Part No. - MAX1745EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1745EUB++ MAXIM-MAX1745EUB+ Datasheet
272Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
More results

Similar Description - MAX1745EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744_09 Datasheet
272Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Linear Technology
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
   High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Linear Technology
LTC3832-1 LINER-LTC3832-1_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com