Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1952 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1952
Description  1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1952 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1952 Datasheet HTML 5Page - Maxim Integrated Products MAX1952 Datasheet HTML 6Page - Maxim Integrated Products MAX1952 Datasheet HTML 7Page - Maxim Integrated Products MAX1952 Datasheet HTML 8Page - Maxim Integrated Products MAX1952 Datasheet HTML 9Page - Maxim Integrated Products MAX1952 Datasheet HTML 10Page - Maxim Integrated Products MAX1952 Datasheet HTML 11Page - Maxim Integrated Products MAX1952 Datasheet HTML 12Page - Maxim Integrated Products MAX1952 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
1MHz, All-Ceramic, 2.6V to 5.5V Input,
2A PWM Step-Down DC-to-DC Regulators
_______________________________________________________________________________________
9
Design Procedure
Output Voltage Selection: Adjustable
(MAX1951) or Preset (MAX1952)
The MAX1951 provides an adjustable output voltage
between 0.8V and VIN. Connect FB to output for 0.8V
output. To set the output voltage of the MAX1951 to a
voltage greater than VFB (0.8V typ), connect the output
to FB and GND using a resistive divider, as shown in
Figure 2a. Choose R2 between 2k
Ω and 20kΩ, and set
R3 according to the following equation:
R3 = R2 x [(VOUT/VFB) – 1]
The MAX1951 PWM circuitry is capable of a stable min-
imum duty cycle of 18%. This limits the minimum output
voltage that can be generated to 0.18 VIN. Instability
may result for VIN/VOUT ratios below 0.18.
The MAX1952 provides a preset output voltage.
Connect the output to FB, as shown in Figure 2b.
Output Inductor Design
Use a 2µH inductor with a minimum 2A-rated DC cur-
rent for most applications. For best efficiency, use an
inductor with a DC resistance of less than 20m
Ω and a
saturation current greater than 3A (min). See Table 2
for recommended inductors and manufacturers. For
most designs, derive a reasonable inductor value
(LINIT) from the following equation:
LINIT = VOUT x (VIN - VOUT)/(VIN x LIR x IOUT(MAX) x fSW)
where fSW is the switching frequency (1MHz typ) of the
oscillator. Keep the inductor current ripple percentage
LIR between 20% and 40% of the maximum load cur-
rent for the best compromise of cost, size, and perfor-
mance. Calculate the maximum inductor current as:
IL(MAX) = (1 + LIR/2) x IOUT(MAX)
Check the final values of the inductor with the output
ripple voltage requirement. The output ripple voltage is
given by:
VRIPPLE = VOUT x (VIN - VOUT) x ESR / (VIN x LFINAL x fSW)
where ESR is the equivalent series resistance of the
output capacitors.
Input Capacitor Design
The input filter capacitor reduces peak currents drawn
from the power source and reduces noise and voltage
ripple on the input caused by the circuit’s switching.
The input capacitor must meet the ripple current
requirement (IRMS) imposed by the switching currents
defined by the following equation:
For duty ratios less than 0.5, the input capacitor RMS
current is higher than the calculated current. Therefore,
use a +20% margin when calculating the RMS current
at lower duty cycles. Use ceramic capacitors for their
low ESR, equivalent series inductance (ESL), and lower
cost. Choose a capacitor that exhibits less than 10°C
temperature rise at the maximum operating RMS cur-
rent for optimum long-term reliability.
After determining the input capacitor, check the input
ripple voltage due to capacitor discharge when the
high-side MOSFET turns on. Calculate the input ripple
voltage as follows:
VIN_RIPPLE = (IOUT x VOUT)/(fSW x VIN x CIN)
Keep the input ripple voltage less than 3% of the input
voltage.
Output Capacitor Design
The key selection parameters for the output capacitor
are capacitance, ESR, ESL, and the voltage rating
requirements. These affect the overall stability, output
ripple voltage, and transient response of the DC-to-DC
converter. The output ripple occurs due to variations in
the charge stored in the output capacitor, the voltage
drop due to the capacitor’s ESR, and the voltage drop
due to the capacitor’s ESL. Calculate the output voltage
ripple due to the output capacitance, ESR, and ESL as:
VRIPPLE = VRIPPLE(C) + VRIPPLE(ESR) + VRIPPLE(ESL)
where the output ripple due to output capacitance,
ESR, and ESL is:
VRIPPLE(C) = IP-P/(8 x COUT x fSW)
VRIPPLE(ESR) = IP-P x ESR
VRIPPLE(ESL) = (IP-P/tON) x ESL or (IP-P/tOFF) x ESL,
whichever is greater
and IP-P the peak-to-peak inductor current is:
IP-P = [ (VIN - VOUT )/fSW x L) ] x VOUT/VIN
Use these equations for initial capacitor selection, but
determine final values by testing a prototype or evalua-
tion circuit. As a rule, a smaller ripple current results in
less output voltage ripple. Since the inductor ripple
current is a factor of the inductor value, the output
voltage ripple decreases with larger inductance. Use
ceramic capacitors for their low ESR and ESL at the
switching frequency of the converter. The low ESL of
ceramic capacitors makes ripple voltages negligible.
Load transient response depends on the selected
output capacitor. During a load transient, the output
instantly changes by ESR x ILOAD. Before the controller
can respond, the output deviates further, depending on
the inductor and output capacitor values. After a short
time (see the Load Transient Response graph in the
IV
I
V
V
V
RMS
IN
OUT
OUT
IN
OUT
××
(/
)
(
(
))
1
2


Similar Part No. - MAX1952

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1952 MAXIM-MAX1952 Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX1952 MAXIM-MAX1952 Datasheet
102Kb / 3P
   No External Schottky Diode Required
Rev 0; 12/02
MAX19527 MAXIM-MAX19527 Datasheet
2Mb / 30P
   Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 6/10
MAX19527 MAXIM-MAX19527 Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results

Similar Description - MAX1952

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1951A MAXIM-MAX1951A Datasheet
951Kb / 12P
   1MHz, 2A, 2.6V to 5.5V Input, PWM DC-DC Step-Down Regulator with Enable
Rev 0; 7/09
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
   2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
Global Mixed-mode Techn...
AT1526 GMT-AT1526 Datasheet
176Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
   1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MXL1074 MAXIM-MXL1074 Datasheet
1Mb / 4P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX724 MAXIM-MAX724 Datasheet
92Kb / 12P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
Maxim Integrated Produc...
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
   5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com