Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA4042 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA4042
Description  23-34GHz High Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4042 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA4042 Datasheet HTML 1Page - United Monolithic Semiconductors CHA4042 Datasheet HTML 2Page - United Monolithic Semiconductors CHA4042 Datasheet HTML 3Page - United Monolithic Semiconductors CHA4042 Datasheet HTML 4Page - United Monolithic Semiconductors CHA4042 Datasheet HTML 5Page - United Monolithic Semiconductors CHA4042 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHA4042
23-34GHz High Power Amplifier
Ref. : DSCHA40422218 -06-Aug.-02
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Units: millimeters
Thickness: 0.070
Bond Pad #1, 7, 9: GND
(0.080 x 0.080)
Bond Pad #4, 5, 11: GND
(0.080 x 0.090)
Bond Pad #14: GND
(0.122 x 0.080)
Bond Pad #2:
VG1
(0.100 x 0.150)
Bond Pad #3:
VG2
(0.100 x 0.150)
Bond Pad #6:
VG3
(0.100 x 0.100)
Bond Pad #8:
RF OUT
(0.100 x 0.260)
Bond Pad #10: VD3
(0.100 x 0.100)
Bond Pad #12: VD2
(0.100 x 0.100)
Bond Pad #13: VD1
(0.100 x 0.100)
Bond Pad #15: RF IN
(0.100 x 0.200)
.000
.467
.240
.338
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1.090
MMIC Outline & Bond Pads
Not to scale, dimensions are in millimeters
Chip size : 1930µm +/-35µm x 1090µm +/- 35µm


Similar Part No. - CHA4042

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4092-99F/00 UMS-CHA4092-99F/00 Datasheet
66Kb / 4P
   20-30GHz High Power Amplifier
CHA4092REF UMS-CHA4092REF Datasheet
66Kb / 4P
   20-30GHz High Power Amplifier
CHA4094 UMS-CHA4094 Datasheet
79Kb / 4P
   36-40GHz High Power Amplifier
CHA4094-99F/00 UMS-CHA4094-99F/00 Datasheet
79Kb / 4P
   36-40GHz High Power Amplifier
More results

Similar Description - CHA4042

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA9070 TRIQUINT-TGA9070 Datasheet
201Kb / 7P
   23 - 29 GHz High Power Amplifier
TGA1088 TRIQUINT-TGA1088 Datasheet
263Kb / 4P
   23 - 29 GHz High Power Amplifier
logo
Marki Microwave
MQH-1434 MARKIMICROWAVE-MQH-1434 Datasheet
346Kb / 8P
   MMIC 14-34GHz Quadrature Hybrid
logo
NXP Semiconductors
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
logo
Alpha Industries
AA022P1-00 ALPHA-AA022P1-00 Datasheet
139Kb / 2P
   18-23 GHz GaAs MMIC Power Amplifier
logo
Skyworks Solutions Inc.
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
   High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
logo
NXP Semiconductors
CGD942C NXP-CGD942C Datasheet
284Kb / 7P
   870 MHz, 23 dB gain power doubler amplifier
Rev. 02-19 November 2009
logo
Alpha Industries
AA022P2-00 ALPHA-AA022P2-00 Datasheet
126Kb / 2P
   21-23 GHz GaAs MMIC Medium Power Amplifier
logo
SiGe Semiconductor, Inc...
SE2522BL SIGE-SE2522BL Datasheet
399Kb / 8P
   RangeCharger??2.4GHz 23 dBm Power Amplifier Preliminary Information
logo
NEC
MC-7893 NEC-MC-7893 Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com