Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS13985H30-T Datasheet(PDF) 6 Page - ams AG

Part # AS13985H30-T
Description  Micropower 150mA Low-Noise LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS13985H30-T Datasheet(HTML) 6 Page - ams AG

Back Button AS13985H30-T Datasheet HTML 2Page - ams AG AS13985H30-T Datasheet HTML 3Page - ams AG AS13985H30-T Datasheet HTML 4Page - ams AG AS13985H30-T Datasheet HTML 5Page - ams AG AS13985H30-T Datasheet HTML 6Page - ams AG AS13985H30-T Datasheet HTML 7Page - ams AG AS13985H30-T Datasheet HTML 8Page - ams AG AS13985H30-T Datasheet HTML 9Page - ams AG AS13985H30-T Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.austriamicrosystems.com
Revision 1.13
6 - 12
AS13985
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
TAMB = +25ºC (unless otherwise specified)
Figure 5. Output Voltage vs. Temperature;
Figure 6. Shutdown Voltage vs. Temperature;
VIN = 3.4V, VSHDN = 1.4V, IOUT = 1mA
VOUT = 2.9V, IOUT = 10mA
Figure 7. Load Regulation vs. Temperature;
Figure 8. Line Regulation vs. Temperature;
VIN = 3.4V, VSHDN = 1.4V, IOUT = 1 to 150mA
VIN = 3.4 to 5.0V, VSHDN =1.4V, IOUT =1mA
Figure 9. SVR vs. Frequency; VIN = 3.9 to 3.95V,
Figure 10. Quiescent Current vs. Temperature;
VOUT = 2.9V, IOUT = 50mA, VSHDN = 1.4V
VOUT = 2.9V, VSHDN = 1.4V
2.8
2.825
2.85
2.875
2.9
2.925
2.95
2.975
3
-45
-20
5
30
55
80
105 130
Temperature (°C)
0.6
0.7
0.8
0.9
1
-45
-20
5
30
55
80
105
130
Temperature (°C)
VIN = 5.5V
VIN = 3.8V
-0.0075
-0.005
-0.0025
0
0.0025
0.005
0.0075
-45 -20
5
30
55
80
105 130
Temperature (°C)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-45
-20
5
30
55
80
105
130
Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
0.1
2.1
4.1
6.1
8.1
10.1
Frequency (kHz)
0
50
100
150
200
250
300
-45
-20
5
30
55
80
105
130
Temperature (°C)
VIN = 5.5V
VIN = 3.4V


Similar Part No. - AS13985H30-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985H30-T AMSCO-AS13985H30-T Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results

Similar Description - AS13985H30-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com