Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1906TC-3-0.1-1-42 Datasheet(PDF) 4 Page - Electronic Film Capacitors, Inc.

Part # 1906TC-3-0.1-1-42
Description  POLYSTYRENE and FOIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1906TC-3-0.1-1-42 Datasheet(HTML) 4 Page - Electronic Film Capacitors, Inc.

  1906TC-3-0.1-1-42 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 4Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOT
FOR
NEW
DESIGNS
1906EC
50 VDC
1906EC
100 VDC
1906EC
200 VDC
1906EC
400 VDC
1906EC
600 VDC
Cap.
µµµµµF
EFC
1906EC
<
><
L _.050"
>
1.625"
Min.
Lead Specs.
Tinned Copperweld
Under .250D = 24 AWG
.250 - .440D = 22 AWG
Above .440D = 20 AWG
Epoxy Case
(Axial Leads)
+
DIMENSIONS and RATINGS
1906EC
_ .010"
+
D
D
L
D
L
D
L
D
L
D
L
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
(All dimensions in inches)
A
A
A
A
A
B
B
B
B
B
B
B
C
C
C
C
C
D
D
D
D
E
E
E
E
F
F
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
ELECTRONIC FILM CAPACITORS, INC.
DIAMETER
LENGTH
1 = .187
2 = .225
3 = .250
4 = .312
5 = .375
6 = .437
7 = .500
SIZE CODE
1
1
1
2
2
1
1
2
2
2
2
3
3
3
4
4
4
4
5
5
5
5
6
6
7
7
7
1
1
1
2
2
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
5
6
6
7
7
7
2
2
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
6
6
7
6
7
1
2
2
3
3
3
3
4
4
4
4
5
5
5
6
6
7
7
7
2
2
3
4
4
4
5
5
5
6
6
6
6
7
7
A
A
A
A
A
B
B
B
B
B
B
C
C
C
D
D
D
D
D
D
E
E
E
E
F
F
A
A
A
B
B
B
B
C
C
C
C
C
D
D
D
D
E
E
E
E
F
F
B
B
B
B
B
C
C
C
C
D
D
D
D
E
E
E
E
F
F
C
C
C
C
C
D
D
D
E
E
F
F
F
F
F
Polystyrene
and Foil
Capacitors
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
D = .750
E = .875
F = 1.190
A = .375
B = .500
C = .625


Similar Part No. - 1906TC-3-0.1-1-42

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1906TC-3-0.1-1-42 EFC-1906TC-3-0.1-1-42 Datasheet
76Kb / 13P
   METALLIZED POLYESTER
1906TC-3-0.1-1-42 EFC-1906TC-3-0.1-1-42 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
More results

Similar Description - 1906TC-3-0.1-1-42

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1906TC EFC-1906TC Datasheet
12Kb / 1P
   Polystyrene and Foil Capacitors
1906EC EFC-1906EC Datasheet
12Kb / 1P
   Polystyrene and Foil Capacitors
logo
Cornell Dubilier Electr...
SXK310 CDE-SXK310 Datasheet
423Kb / 2P
   Polystyrene-Foil / Axial Leads
logo
List of Unclassifed Man...
SX330 ETC1-SX330 Datasheet
159Kb / 3P
   Polystyrene-Foil/Axial Leads
logo
Altech corporation
130-010 ALTECH-130-010 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-001 ALTECH-130-001 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
AKL ALTECH-AKL Datasheet
282Kb / 5P
   Polystyrene and Polycarbonate - 150x300mm (5.91x11.81in.)
logo
Electronic Film Capacit...
1206 EFC-1206 Datasheet
56Kb / 9P
   POLYPROPYLENE and FOIL
logo
Altech corporation
120-407 ALTECH-120-407 Datasheet
906Kb / 26P
   TK 77 ??Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-506 ALTECH-130-506 Datasheet
906Kb / 26P
   TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com