Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSD-1202 Datasheet(PDF) 5 Page - ams AG

Part # NSD-1202
Description  Dual Piezo Motor Driver IC for SQL Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NSD-1202 Datasheet(HTML) 5 Page - ams AG

  NSD-1202 Datasheet HTML 1Page - ams AG NSD-1202 Datasheet HTML 2Page - ams AG NSD-1202 Datasheet HTML 3Page - ams AG NSD-1202 Datasheet HTML 4Page - ams AG NSD-1202 Datasheet HTML 5Page - ams AG NSD-1202 Datasheet HTML 6Page - ams AG NSD-1202 Datasheet HTML 7Page - ams AG NSD-1202 Datasheet HTML 8Page - ams AG NSD-1202 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.austriamicrosystems.com
Revision 0.1
5 - 13
NSD-1202
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6.2 DC/AC Characteristics for Digital Inputs and Outputs
Table 5. CMOS Input: XPD, ADR, CLK
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
1.2
VDD
V
VIL
Low level input voltage
VSS
0.3
V
ILEAK
Input leakage current
1µA
CIN
Capacitive Load
15
pF
Table 6. CMOS I²C Interface: SDA, SCL
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
1.2
VDD
V
VIL
Low level input voltage
VSS
0.3
V
ILEAK
Input leakage current
1µA
VOH
High level output voltage
Depending on external pull-up
resistor
VVDD
-0.5
VVDD
V
VOL
Low level output voltage
@3mA output current
VSS+0.4
V
CL
Capacitive load: SDA, SCL
50
pF
RPU
External pull-up resistor: SDA, SCL
As defined by I²C spec
1.2
6.0
7.1
k
Ω
SCL
I²C write frequency
Maximum clock frequency to write
data
400
kHz


Similar Part No. - NSD-1202

ManufacturerPart #DatasheetDescription
logo
ams AG
NSD-1202 AMSCO-NSD-1202 Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
NSD-1202BQFT AMSCO-NSD-1202BQFT Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
NSD-1202 AMSCO-NSD-1202_07 Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
More results

Similar Description - NSD-1202

ManufacturerPart #DatasheetDescription
logo
ams AG
NSD-1202 AMSCO-NSD-1202_07 Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
NSD-2101 AMSCO-NSD-2101_07 Datasheet
1Mb / 23P
   Piezo Motor Driver ASIC for SQL-RV Series Reduced Voltage SQUIGGLE RV and UTAF Motors
NSD-2101 AMSCO-NSD-2101 Datasheet
646Kb / 22P
   Piezo Motor Driver ASIC for SQL-RV Series Reduced Voltage SQUIGGLE짰 RV and UTAF??Motors
logo
Toshiba Semiconductor
TB6612FNG TOSHIBA-TB6612FNG Datasheet
587Kb / 11P
   Driver IC for Dual DC motor
logo
Sipex Corporation
TB6592FL SIPEX-TB6592FL Datasheet
138Kb / 10P
   Dual-Bridge Driver IC for DC motor
logo
Toshiba Semiconductor
TB67H302HG TOSHIBA-TB67H302HG Datasheet
970Kb / 23P
   Dual Bridge Driver IC for DC motor
logo
Sanyo Semicon Device
LV8491CT SANYO-LV8491CT Datasheet
422Kb / 20P
   Piezo Actuator Driver IC
logo
ON Semiconductor
LV8094CT ONSEMI-LV8094CT Datasheet
383Kb / 15P
   Piezo Actuator Driver IC
June, 2013
logo
Sanyo Semicon Device
LV8094CT SANYO-LV8094CT Datasheet
586Kb / 15P
   Piezo Actuator Driver IC
logo
ON Semiconductor
LV8491CT ONSEMI-LV8491CT Datasheet
139Kb / 20P
   Piezo Actuator Driver IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com