Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS13985 Datasheet(PDF) 5 Page - ams AG

Part # AS13985
Description  Micropower 150mA Low-Noise LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS13985 Datasheet(HTML) 5 Page - ams AG

  AS13985_1 Datasheet HTML 1Page - ams AG AS13985_1 Datasheet HTML 2Page - ams AG AS13985_1 Datasheet HTML 3Page - ams AG AS13985_1 Datasheet HTML 4Page - ams AG AS13985_1 Datasheet HTML 5Page - ams AG AS13985_1 Datasheet HTML 6Page - ams AG AS13985_1 Datasheet HTML 7Page - ams AG AS13985_1 Datasheet HTML 8Page - ams AG AS13985_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.austriamicrosystems.com
Revision 1.13
5 - 12
AS13985
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Figure 3. AC Line Regulation Input Voltage Test Signal
Figure 4. SVR Input Voltage Test Signal
IEN
Enable Input Current
VEN = 0.4V, VIN = 5.5V
±1
2
nA
eN
Output Noise Voltage
BW = 10Hz to 100kHz, COUT = 1µF,
IOUT = 0mA
30
µVRMS
tON
Turn On Time
5
CBYPASS = 10nF
150
250
µs
TSHDN
Thermal Shutdown
Threshold
4, 6
160
ºC
Recommended Output Capacitor
COUT
Output Capacitor
Capacitance
1
22
2
µF
ESR
5
5000
m
Ω
1. Temperature variations are included within the output voltage accuracy.
2. Guaranteed by design.
3. Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal
value (does not apply to input voltages below 2.5V).
4. EN must be driven with a tR = tF < 10ms.
5. Turn on time is time measured between the enable input just exceeding the VEN high value and the output volt-
age just reaching 95% of its nominal value.
6. Typical thermal protection hysteresis is 20ºC.
Note: All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
600mV
600µs
4.6ms
30µs
VIN =
VOUT(NOM) + 1V
30µs
VIN
50mV
VOUT(NOM) + 1V


Similar Part No. - AS13985_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985F12-T AMSCO-AS13985F12-T Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985F18-T AMSCO-AS13985F18-T Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985H12-T AMSCO-AS13985H12-T Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985H18-T AMSCO-AS13985H18-T Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results

Similar Description - AS13985_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com