Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2394 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2394
Description  36-40GHz Very Low Noise High Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2394 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2394 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2394 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CHA2394
36-40GHz Very Low Noise Amplifier
Ref. : DSCHA23942240 -28-Aug.-02
4/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Output Power ( P-1dB gain compression ) Measurements.
( CW on wafer )
Conditions : Vd = 3.5 Volt, Frequency = 38 GHz.
Conditions : Id = 60 mA, Frequency = 38 GHz.
4
6
8
10
12
14
16
18
20
22
20
30
40
50
60
70
80
90
100
Current Id ( mA )
Gain
P-1dB
4
6
8
10
12
14
16
18
20
22
2,5
3
3,5
4
4,5
Bias voltage Vd ( Volt )
Gain
P-1dB


Similar Part No. - CHA2394

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2394 UMS-CHA2394 Datasheet
194Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2394 UMS-CHA2394 Datasheet
130Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
More results

Similar Description - CHA2394

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2395 UMS-CHA2395_15 Datasheet
108Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2395 UMS-CHA2395 Datasheet
87Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A Datasheet
106Kb / 7P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2094B UMS-CHA2094B_15 Datasheet
128Kb / 8P
   36-40GHz Low Noise High Gain Amplifier
CHA2094B UMS-CHA2094B Datasheet
111Kb / 8P
   36-40GHz Low Noise High Gain Amplifier
CHA2391 UMS-CHA2391_15 Datasheet
126Kb / 8P
   36-40GHz Very Low Noise Amplifier
CHA2391 UMS-CHA2391 Datasheet
104Kb / 8P
   36-40GHz Very Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com