Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5311 Datasheet(PDF) 10 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 10 Page - ams AG

Back Button AS5311 Datasheet HTML 6Page - ams AG AS5311 Datasheet HTML 7Page - ams AG AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG AS5311 Datasheet HTML 10Page - ams AG AS5311 Datasheet HTML 11Page - ams AG AS5311 Datasheet HTML 12Page - ams AG AS5311 Datasheet HTML 13Page - ams AG AS5311 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
10 - 23
6.6.2
Pulse Width Modulation Output
Operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0~3.6V (3V operation) VDD5V = 4.5~5.5V (5V operation) unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
Note
232
244
256
Signal period = 4098µs
±5% at Tamb =
25°C
PWM frequency
f PWM
220
244
268
Hz
= 4098µs
±10% at Tamb = -40 to +125°C
Minimum pulse width
PW MIN
0.9
1
1.1
µs
Position 0d =0µm
Maximum pulse width
PW MAX
3892
4097
4301
µs
Position 4095d = 1999.5µm
7
Detailed Description
The different types of outputs relative to the magnet position are outlined in Figure 5 below.
The absolute serial output counts from 0….4095 within one pole pair and repeats with each subsequent pole
pair.
Likewise, the PWM output starts with a pulse width of 1µs, increases the pulse width with every step of 0.488µm
and reaches a maximum pulse width of 4097µs at the end of each pole pair.
An index pulse is generated once for every pole pair.
256 incremental pulses are generated at each output A and B for every pole pair. The outputs A and B are
phase shifted by 90 electrical degrees, which results in 1024 edges per pole pair. As the incremental outputs are
also repeated with every pole pair, a constant train of pulses is generated as the magnet moves over the chip.
Figure 5: AS5311 Outputs Relative to Magnet Position


Similar Part No. - AS5311

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5311 AMSCO-AS5311 Datasheet
418Kb / 29P
   High Resolution Magnetic Linear Encoder
AS5311-ATST AMSCO-AS5311-ATST Datasheet
418Kb / 29P
   High Resolution Magnetic Linear Encoder
AS5311-ATSU AMSCO-AS5311-ATSU Datasheet
418Kb / 29P
   High Resolution Magnetic Linear Encoder
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
   High Resolution Magnetic Linear Encoder
More results

Similar Description - AS5311

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
   High Resolution Magnetic Linear Encoder
logo
IC-Haus GmbH
IC-LFH ICHAUS-IC-LFH Datasheet
1Mb / 14P
   HIGH-RESOLUTION LINEAR IMAGE SENSORS
logo
Hamamatsu Corporation
P11159-01AS HAMAMATSU-P11159-01AS Datasheet
221Kb / 4P
   Small package and high resolution encoder module
P11159-201AS HAMAMATSU-P11159-201AS_15 Datasheet
162Kb / 4P
   Small package and high resolution encoder module
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Honeywell Accelerometer...
APS00A HONEYWELL-ACC-APS00A Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
logo
TDK Electronics
VLF4012AT TDK-VLF4012AT Datasheet
34Kb / 2P
   High magnetic shield construction should actualize high resolution
logo
Broadcom Corporation.
AEDR-871X BOARDCOM-AEDR-871X Datasheet
1Mb / 14P
   3-Channel High Resolution Reflective Incremental Encoder (Digital Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com