Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE43CA Datasheet(PDF) 1 Page - Transys Electronics

Part # P4KE43CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

P4KE43CA Datasheet(HTML) 1 Page - Transys Electronics

  P4KE43CA Datasheet HTML 1Page - Transys Electronics P4KE43CA Datasheet HTML 2Page - Transys Electronics P4KE43CA Datasheet HTML 3Page - Transys Electronics P4KE43CA Datasheet HTML 4Page - Transys Electronics P4KE43CA Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P4KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 6.8 TO 440 Volts
400 Watt Peak Power
1.0 Watt Steady State
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Glass passivated chip junction in DO-41 package
l
400W surge capability at 1ms
l
Excellent clamping capability
l
Low zener impedance
l
Fast response time: typically less
than 1.0 ps from 0 volts to BV min
l
Typical IR less than 1 A above 10V
l
High temperature soldering guaranteed:
300 /10 seconds/.375”,(9.5mm) lead
length/5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic
Terminals: Axial leads, solderable per
MIL-STD-202, Method 208
Polarity: Color band denoted cathode
except Bipolar
Mounting Position: Any
Weight: 0.012 ounce, 0.34 gram
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATING
SYMBOL
VALUE
UNITS
Peak Power Dissipation at TA=25 , TP=1ms(Note 1)
PPK
Minimum 400
Watts
Steady State Power Dissipation at TL=75 Lead Lengths
.375”,(9.5mm) (Note 2)
PD
1.0
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load(JECED Method) (Note 3)
IFSM
40.0
Amps
Operating and Storage Temperature Range
TJ,TSTG
-65 to+175
DO-41


Similar Part No. - P4KE43CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE43CA PANJIT-P4KE43CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Anova Technologies CO.,...
P4KE43CA ANOVA-P4KE43CA Datasheet
352Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Littelfuse
P4KE43CA LITTELFUSE-P4KE43CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
P4KE43CA LUGUANG-P4KE43CA Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
P4KE43CA WTE-P4KE43CA Datasheet
67Kb / 5P
   400W TRANSIENT BOLTAGE SUPPRESSORS
More results

Similar Description - P4KE43CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com