Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1906TC-3-0.1-1-42 Datasheet(PDF) 4 Page - Electronic Film Capacitors, Inc.

Part # 1906TC-3-0.1-1-42
Description  METALLIZED POLYESTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1906TC-3-0.1-1-42 Datasheet(HTML) 4 Page - Electronic Film Capacitors, Inc.

  1906TC-3-0.1-1-42 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1906TC-3-0.1-1-42 Datasheet HTML 9Page - Electronic Film Capacitors, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.240
.260
.230
.250
.260
.250
.270
.290
.320
.290
.310
.330
.350
.350
.380
.410
.450
.440
.490
.520
.590
.580
.620
.750
.990
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.240
.260
.270
.280
.290
.240
.260
.280
.300
.280
.300
.320
.350
.390
.370
.400
.430
.430
.460
.500
.490
.530
.600
.640
.720
.760
.830
1.010
1.270
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.126
.140
.160
.170
.180
.190
.140
.160
.180
.200
.180
.200
.220
.250
.290
.240
.270
.300
.300
.330
.370
.320
.360
.430
.470
.550
.590
.660
.810
1.070
EFC
1313TF
µµµµµF
T
W
L
T
W
L
T
W
L
T
W
L
T
W
L
T
W
L
1313TF-1
50 VDC
1313TF-2
100 VDC
1313TF-3
150 VDC
1313TF-3
200 VDC
1313TF-3
400 VDC
1313TF-3
600 VDC
DIMENSIONS and RATINGS
1313TF
Cap.
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.130
.140
.160
.130
.150
.170
.190
.170
.190
.210
.180
.210
.240
.220
.270
.320
.340
.390
.330
.450
.590
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.230
.240
.260
.230
.250
.270
.290
.270
.290
.310
.280
.310
.340
.350
.400
.450
.470
.520
.500
.620
.760
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.468
.468
.468
.468
.531
.531
.531
.656
.656
.656
.781
.781
.781
.906
.906
1.190
1.190
1.440
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.440
1.690
1.690
.125
.125
.125
.125
.125
.140
.160
.180
.130
.140
.150
.160
.180
.200
.230
.190
.220
.250
.280
.240
.270
.300
.330
.320
.360
.400
.350
.390
.440
.490
.470
.530
.590
.610
.690
.670
.750
.840
.830
.990
.225
.225
.225
.225
.225
.240
.260
.280
.230
.240
.250
.260
.280
.300
.330
.290
.320
.350
.380
.370
.400
.430
.460
.450
.490
.530
.520
.560
.610
.660
.640
.700
.760
.780
.860
.870
.950
1.040
1.030
1.190
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.440
1.440
1.440
1.570
1.570
1.820
1.820
1.820
2.250
2.250
<
><
L _.050"
>
1.625"
Min.
_ .050"
+
+_ .050"
W
T
<
>
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.140
.160
.130
.150
.160
.150
.170
.190
.220
.190
.210
.230
.250
.220
.250
.280
.320
.310
.360
.350
.420
.410
.450
.580
.790
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.468
.468
.468
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.781
.906
.906
1.190
1.190
1.440
1.440
1.570
1.690
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.440
1.440
1.570
1.570
1.690
1.940
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.781
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.440
1.440
1.570
1.690
1.940
Lead Specs.
Tinned Copperweld
Under .190T = 24 AWG
.190 - .380T = 22 AWG
Above .380T = 20 AWG
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.25
1.5
2.0
3.0
4.0
5.0
6.0
10.0
20.0
Oval
Wrap and Fill
+
(All dimensions in inches)
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.140
.160
.180
.130
.140
.150
.160
.190
.210
.230
.190
.230
.260
.220
.250
.280
.320
.320
.340
.370
.320
.370
.420
.490
.540
.630
.680
.690
.840
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.140
.160
.180
.130
.140
.160
.180
.200
.220
.190
.210
.230
.260
.230
.260
.290
.330
.320
.360
.410
.340
.380
.420
.470
.530
.510
.580
.650
.660
.830
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.240
.260
.280
.230
.240
.260
.280
.300
.320
.290
.310
.330
.360
.380
.390
.420
.460
.450
.490
.540
.510
.550
.590
.640
.700
.680
.750
.820
.860
1.030
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.240
.260
.280
.230
.240
.250
.260
.290
.310
.330
.290
.330
.360
.350
.380
.410
.450
.450
.470
.500
.490
.540
.590
.660
.710
.800
.850
.890
1.040
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Metallized
Polyester
Capacitors


Similar Part No. - 1906TC-3-0.1-1-42

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1906TC-3-0.1-1-42 EFC-1906TC-3-0.1-1-42 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
1906TC-3-0.1-1-42 EFC-1906TC-3-0.1-1-42 Datasheet
28Kb / 4P
   POLYSTYRENE and FOIL
More results

Similar Description - 1906TC-3-0.1-1-42

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
158X CDE-158X Datasheet
253Kb / 2P
   Metallized Polyester
logo
Electronic Film Capacit...
1313TC EFC-1313TC Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313TF EFC-1313TF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
1313EF EFC-1313EF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313EFR EFC-1313EFR Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
logo
List of Unclassifed Man...
MKS02 ETC-MKS02 Datasheet
35Kb / 2P
   Metallized polyester capacitors
logo
Electronic Film Capacit...
1313EC EFC-1313EC Datasheet
11Kb / 1P
   Metallized Polyester Capacitors
AC1313TF EFC-AC1313TF Datasheet
11Kb / 1P
   Metallized Polyester Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com