Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1613TF-3-0.1-1-02 Datasheet(PDF) 11 Page - Electronic Film Capacitors, Inc.

Part # 1613TF-3-0.1-1-02
Description  METALLIZED POLYESTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1613TF-3-0.1-1-02 Datasheet(HTML) 11 Page - Electronic Film Capacitors, Inc.

Back Button 1613TF-3-0.1-1-02 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1613TF-3-0.1-1-02 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1613TF-3-0.1-1-02 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1613TF-3-0.1-1-02 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1613TF-3-0.1-1-02 Datasheet HTML 9Page - Electronic Film Capacitors, Inc. 1613TF-3-0.1-1-02 Datasheet HTML 10Page - Electronic Film Capacitors, Inc. 1613TF-3-0.1-1-02 Datasheet HTML 11Page - Electronic Film Capacitors, Inc. 1613TF-3-0.1-1-02 Datasheet HTML 12Page - Electronic Film Capacitors, Inc. 1613TF-3-0.1-1-02 Datasheet HTML 13Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
<
><
L _.050"
>
1.75"
Min.
_ .050"
+
+_ .050"
W
T
<
>
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
Oval
Wrap and Fill
+
(All dimensions in inches)
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Metallized
Polyester
Capacitors
EFC
AC1313TF
AC1313TF
Cap.
µµµµµF
DIMENSIONS and RATINGS
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.5
2.0
2.5
3.0
4.0
5.0
6.0
7.0
8.0
10.0
12.0
AC1313TF-3
150 VAC 60 HZ
AC1313TF-3
250 VAC 60 HZ
T
W
L
T
W
L
.140
.140
.140
.171
.171
.140
.140
.171
.171
.203
.203
.218
.218
.265
.265
.234
.234
.296
.328
.437
.421
.468
.546
.578
.640
.640
.765
..265
.312
.312
.375
.375
.312
.312
.343
.343
.406
.406
.515
.515
.562
.562
.531
.531
.593
.718
.921
.906
1.062
1.140
1.265
1.328
1.421
1.546
.625
.625
.625
.625
.625
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.500
1.500
1.500
1.500
2.000
2.500
2.500
2.500
2.500
2.500
2.500
2.500
NOTES:
1. EFC Series AC1313TF capacitors are designed for general
purpose 60 HZ applications.
2. Quality AC applications are assured through the use of
specially metallized dielectrics and end terminations.
3. For 85 OC operation, a 75% derating is recommended.
.125
.125
.125
.125
.125
.140
.156
.171
.171
.140
.156
.140
.156
.171
.171
.187
.187
.234
.281
.296
.328
.312
.359
.343
.375
.375
.421
.488
.250
.250
.250
.250
.250
.312
.343
.343
.343
.265
.343
.312
.343
.375
.375
.484
.484
.578
.578
.640
.718
.703
.750
.734
.785
.859
.908
1.062
.625
.625
.625
.625
.625
.625
.625
.625
.625
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.500
1.500
2.000
2.000
2.500
2.500
2.500
2.500
2.500
Lead Specs
Tinned Copperweld
Under .250D = 24 AWG
.250 - .440D = 22 AWG
Above .440D = 20 AWG


Similar Part No. - 1613TF-3-0.1-1-02

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1613TF-3-0.1-1-02 EFC-1613TF-3-0.1-1-02 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
1613TF-3-0.1-1-02 EFC-1613TF-3-0.1-1-02 Datasheet
54Kb / 9P
   METALLIZED POLYCARBONATE
1613TF-3-0.1-1-02 EFC-1613TF-3-0.1-1-02 Datasheet
28Kb / 4P
   POLYSTYRENE and FOIL
More results

Similar Description - 1613TF-3-0.1-1-02

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
158X CDE-158X Datasheet
253Kb / 2P
   Metallized Polyester
logo
Electronic Film Capacit...
1313TC EFC-1313TC Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313TF EFC-1313TF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
1313EF EFC-1313EF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313EFR EFC-1313EFR Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
logo
List of Unclassifed Man...
MKS02 ETC-MKS02 Datasheet
35Kb / 2P
   Metallized polyester capacitors
logo
Electronic Film Capacit...
1313EC EFC-1313EC Datasheet
11Kb / 1P
   Metallized Polyester Capacitors
AC1313TF EFC-AC1313TF Datasheet
11Kb / 1P
   Metallized Polyester Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com