Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3G Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # S3G
Description  SURFACE MOUNT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

S3G Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  S3G Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. S3G Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
S3A thru S3M SERIES
SURFACE MOUNT RECTIFIER
SURFACE MOUNT RECTIFIER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Operating and Storage Temperature Range
Typical Junction Capacitance (Note 2)
Maximum Reverse Recovery Time (Note 1)
Maximum Thermal Resistance (Note 3)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
0
Maximum Average Forward Rectified Current, at T =75 C
L
S3A
S3B
S3D
S3G
S3J
S3K
S3M
UNITS
50
100
200
400
600
800
1000
0C
pF
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
60
-50 to +150
3.0
100
2.5
13
47
1.20
5.0
250
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Signle phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
A
Notes : 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and Applied Vr= 4.0 volts
2
3. 8.0mm (0.13mm thick) land areas
Maximum DC Reverse Current at Rated
DC Blocking Voltage
0
@TA=25 C
0
@TA=125 C
VOLTAGE RANGE 50 TO 1000 Volts
CURRENT 3.0 Amperes
VRRM
VRMS
VDC
VF
TRR
IR
I(AV)
IFSM
CJ
RJL
RJL
TJ TSTG
RATINGS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
S
.220(5.59)
.245(6.22)
.006(.152)
.012(.305)
.305(7.75)
.004(.102)
.260(6.60)
.108(2.75)
.124(3.15)
.079(2.00)
.103(2.62)
.030(0.76)
.060(1.52)
.280(7.11)
.008(.203)
.320(8.13)
SMC/DO-214AB
Dimensions in inches and (millimeters)
MECHANICAL DATA
Case:JEDEC Do-201AD molded plastic
Terminals:plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity:Indivated by cathode band
Standard Packaging: 16mm tape (EIA STD EIA-481)
Weight:0.007 ounce, 0.21 gram
FEATURES
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Plastic package has Underwrites Laboratory
Flammability Classification 94V-O
Glasspassivated chip junction
0
high tempreature soldering:260 C/10seconds
at terminals


Similar Part No. - S3G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3G PANJIT-S3G Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Micro Commercial Compon...
S3G MCC-S3G Datasheet
630Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
logo
Pan Jit International I...
S3G PANJIT-S3G Datasheet
115Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Semikron International
S3G SEMIKRON-S3G Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
logo
First Silicon Co., Ltd
S3G FS-S3G Datasheet
143Kb / 2P
   General Purpose Rectifier
More results

Similar Description - S3G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com