Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1313EFR-3-0.1-1-01 Datasheet(PDF) 2 Page - Electronic Film Capacitors, Inc.

Part # 1313EFR-3-0.1-1-01
Description  METALLIZED POLYCARBONATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313EFR-3-0.1-1-01 Datasheet(HTML) 2 Page - Electronic Film Capacitors, Inc.

  1313EFR-3-0.1-1-01 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313EFR-3-0.1-1-01 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CASE CODE
TC - WRAP & FILL - ROUND - AXIAL
TF - WRAP & FILL - FLAT - AXIAL
EC - EPOXY CASE - ROUND - AXIAL
EF - EPOXY CASE - FLAT - AXIAL
EFR - EPOXY CASE - FLAT - RADIAL
CAPACITANCE
IN MICROFARADS (
µµµµµF)
VOLTAGE
.35 - 35 VDC
0 - 50 VDC
1 - 100 VDC
2 - 200 VDC
3 - 300 VDC
4 - 400 VDC
ETC.
SIZE CODE
3 - STANDARD
2 - MINIATURE
1 - SUBMINIATURE
X - NON-STANDARD
FOR EFC METRIC CASES USE THE
ONE LETTER CASE CODE LISTED.
FOR EFC "EC" STYLE USE THE
TWO LETTER CASE CODE.
TOLERANCE
1 - 1%
2 - 2%
5 - 5%
ETC.
DIELECTRIC CODE
1206 - POLYPROPYLENE/FOIL
1213 - METALLIZED POLYPROPYLENE
1306 - POLYESTER/FOIL
1313 - METALLIZED POLYESTER
1606 - POLYCARBONATE/FOIL
1613 - METALLIZED POLYCARBONATE
1906 - POLYSTYRENE/FOIL
CATALOG NOMENCLATURE
* 1613 EFR - 3 - .1 - 1 - 5
* OPTIONS
THE FOLLOWING OPTIONS ARE AVAILABLE FROM EFC BY SPECIFYING THE APPROPRIATE PREFIX.
A1206 = -150 PPM/OC +30 PPM
T1206 = -270 PPM/OC +30 PPM
01906 = ZERO PPM/OC +50 PPM
A1906 = -80 PPM/OC +30 PPM
T1906 = -120 PPM/OC +30 PPM
TEMPERATURE COEFFICIENTS:
Different T.C.'s are available in both Polypropylene and Polystyrene dielectrics. T.C.'s and the appropriate prefixes
are as follows:
HIGH VOLTAGE:
EFC high voltage metallized polyester capacitors are designed for use in high voltage power supplies,
rectifiers and other similar circuits. Voltage ratings to 15,000 DC are common-place at EFC.
Specify with the prefix HV.
AC CURRENT:
Specify metallized polyester and termination procedures to enable EFC to supply a small sized AC rated
capacitor for general purpose use at 60 HZ. Specify with the prefix AC.
HIGH AMPERAGE AND PULSE CURRENTS:
Dual metallized carriers allow these capacitors to handle high amperage and pulsing currents.
Available in both polyester and polypropylene dielectrics. Specify with the prefix MF.
Contact the factory for an MF spec. sheet.
SWITCH MODE POWER SUPPLY:
Polypropylene and polyester capacitors designed for SMPS have low ESR and high current rating should
be specified with the SP prefix.
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.


Similar Part No. - 1313EFR-3-0.1-1-01

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1313EFR-3-0.1-1-01 EFC-1313EFR-3-0.1-1-01 Datasheet
54Kb / 9P
   METALLIZED POLYPROPYLENE
1313EFR-3-0.1-1-01 EFC-1313EFR-3-0.1-1-01 Datasheet
76Kb / 13P
   METALLIZED POLYESTER
1313EFR-3-0.1-1-01 EFC-1313EFR-3-0.1-1-01 Datasheet
28Kb / 4P
   POLYSTYRENE and FOIL
More results

Similar Description - 1313EFR-3-0.1-1-01

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1613EFR EFC-1613EFR Datasheet
13Kb / 1P
   Metallized Polycarbonate Capacitors
1613TF EFC-1613TF Datasheet
12Kb / 1P
   Metallized Polycarbonate Capacitors
1613DFR EFC-1613DFR Datasheet
14Kb / 1P
   Metallized Polycarbonate Capacitors
1613EC EFC-1613EC Datasheet
11Kb / 1P
   Metallized Polycarbonate Capacitors
1613EF EFC-1613EF Datasheet
12Kb / 1P
   Metallized Polycarbonate Capacitors
1613TC EFC-1613TC Datasheet
12Kb / 1P
   Metallized Polycarbonate Capacitors
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
MKC1862 VISHAY-MKC1862_08 Datasheet
309Kb / 4P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
logo
Visual Communications C...
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
   Polycarbonate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com