Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGPP30 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # RGPP30
Description  GLASS PASSIVATED FAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

RGPP30 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  RGPP30 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. RGPP30 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
RGPP30 SERIES
GLASS PASSIVATED FAST
SWITCHING RECTIFIER
GLASS PASSIVATED FAST
SWITCHING RECTIFIER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Operating and Storage Temperature Range
Typical Junction Capacitance (Note 2)
Maximum Reverse Recovery Time (Note 1)
Maximum DC Reverse Current, at Rated DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
Maximum Forward Voltage at 3.0A Peak
Maximum Average Forward Rectified Current,
0
.375", (9.5mm) Lead Length at T =55 C
A
Maximum Reverse Current, Rated DC Full Cycle Average,
0
.375", (9.5mm) Lead Length T =55 C
A
RGPP30A RGPP30B RGPP30D RGPP30G RGPP30J RGPP30K RGPP30M
UNITS
50
100
200
400
600
800
1000
V
V
V
0C
A
A
pF
V
35
70
140
280
420
560
700
50
150
100
150
200
150
400
150
60
-65 to +175
3.0
150
5.0
30
1.2
1.3
600
250
800
500
1000
500
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Signle phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
A
nS
A
Notes : 1. Reverse Recovery Test Conditions : IF=.5A, IR=1A, Irr=.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
FEATURE
High voltage
High current capability
Low leakage current
High surge capability
Low cost
MECHANICAL DATA
Case:Mold plastic use UL 94V-0 recognized
flame retardant epoxy
Terminals:Axial leads, solderable per
MIL-STD-202, method 208
Polarity:Color band denotes cathode
Mounting Position:Any
VOLTAGE RANGE 50 TO 1000 Volts
CURRENT 3.0 Amperes
DO-201AD


Similar Part No. - RGPP30

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RGPP3A GULFSEMI-RGPP3A Datasheet
400Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
RGPP3B GULFSEMI-RGPP3B Datasheet
400Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
RGPP3D GULFSEMI-RGPP3D Datasheet
400Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
RGPP3G GULFSEMI-RGPP3G Datasheet
400Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
RGPP3J GULFSEMI-RGPP3J Datasheet
400Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
More results

Similar Description - RGPP30

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RG4A GE-RG4A Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RGPP15 CHENG-YI-RGPP15 Datasheet
97Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
RG1A NJSEMI-RG1A Datasheet
93Kb / 1P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
General Semiconductor
RG1A GE-RG1A Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
RG3A NJSEMI-RG3A Datasheet
92Kb / 1P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
General Semiconductor
1N5415 GE-1N5415 Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
1N5615 GE-1N5615 Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG2A GE-RG2A Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG3A GE-RG3A Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RGPP10 CHENG-YI-RGPP10 Datasheet
114Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com