Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2194 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2194
Description  36-44GHz Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2194 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2194 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CHA2194
36-44GHz Low Noise Amplifier
Ref : DSCHA21942035 -04-Feb.-02
2/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, Vd = +3,5V (On wafer)
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
36
44
Ghz
G
Gain (1)
17
19
dB
∆G
Gain flatness (1)
± 0.5
± 1
dB
NF
Noise figure (1) (freq: 36-40 GHz)
3
4
dB
VSWRin
Input VSWR (1)
2.5:1
3.0:1
VSWRout
Ouput VSWR (1)
2:5:1
3.0:1
IP3
3rd order intercept point
20
dBm
P1dB
Output power at 1dB gain compression
8
10
dBm
Id
Drain bias current (2)
45
75
mA
(1) These values are representative of wafer measurements without bonding wire at the RF ports.
(2) This current is the typical value for low noise and low current consumption biasing :
Vd=3.5V , Vg12 and Vg3 not connected.
Absolute Maximum Ratings (3)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Vg
Id
Drain bias voltage (5)
Vg12 and Vg3 max
Drain current
4
+1
75
V
V
mA
Pin
Maximum peak input power overdrive (4)
15
dBm
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(3) Operation of this device above anyone of these paramaters may cause permanent damage.
(4) Duration < 1s.
(5) See chip biasing options page 9


Similar Part No. - CHA2194

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2194 UMS-CHA2194 Datasheet
224Kb / 10P
   36-44GHz Low Noise Amplifier
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
   36-44GHz Low Noise Amplifier
More results

Similar Description - CHA2194

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
   36-44GHz Low Noise Amplifier
CHA2494-98F UMS-CHA2494-98F_15 Datasheet
231Kb / 12P
   34-44GHz Low Noise Amplifier
CHA2494-QEG UMS-CHA2494-QEG_15 Datasheet
640Kb / 14P
   34-44GHz Low Noise Amplifier
CHT4699-99F UMS-CHT4699-99F Datasheet
474Kb / 12P
   36-44GHz Variable Attenuator
CHA2091 UMS-CHA2091_07 Datasheet
191Kb / 8P
   36-40GHz Low Noise Amplifier
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
CHT4699-QDG UMS-CHT4699-QDG Datasheet
475Kb / 12P
   36-44GHz Variable Attenuator
CHA2091 UMS-CHA2091 Datasheet
115Kb / 8P
   36-40GHz Low Noise Amplifier
CHA2091 UMS-CHA2091_15 Datasheet
135Kb / 8P
   36-40GHz Low Noise Amplifier
CHR2297 UMS-CHR2297_10 Datasheet
116Kb / 6P
   36-44GHz Multifunction Down-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com