Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43866C9475M002 Datasheet(PDF) 8 Page - EPCOS

Part # B43866C9475M002
Description  Aluminum electrolytic capacitors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43866C9475M002 Datasheet(HTML) 8 Page - EPCOS

Back Button B43866C9475M002 Datasheet HTML 4Page - EPCOS B43866C9475M002 Datasheet HTML 5Page - EPCOS B43866C9475M002 Datasheet HTML 6Page - EPCOS B43866C9475M002 Datasheet HTML 7Page - EPCOS B43866C9475M002 Datasheet HTML 8Page - EPCOS B43866C9475M002 Datasheet HTML 9Page - EPCOS B43866C9475M002 Datasheet HTML 10Page - EPCOS B43866C9475M002 Datasheet HTML 11Page - EPCOS B43866C9475M002 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
1) Refer to chapter "General technical information, 5.3 Calculation of useful life" for an explanation on how to interpret the useful life
graphs.
Useful life
depending on ambient temperature TA under ripple current operating conditions1)
d = 10 mm
d
≥ 12.5 mm
B43866
High ripple current
125
°C
Page 8 of 27
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43866C9475M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43866 EPCOS-B43866 Datasheet
541Kb / 24P
   Aluminum electrolytic capacitors
B43866A1106M000 EPCOS-B43866A1106M000 Datasheet
541Kb / 24P
   Aluminum electrolytic capacitors
B43866A1106M001 EPCOS-B43866A1106M001 Datasheet
541Kb / 24P
   Aluminum electrolytic capacitors
B43866A1106M002 EPCOS-B43866A1106M002 Datasheet
541Kb / 24P
   Aluminum electrolytic capacitors
B43866A1106M003 EPCOS-B43866A1106M003 Datasheet
541Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B43866C9475M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com