Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1901 Datasheet(PDF) 3 Page - ams AG

Part # AS1901
Description  Ultra Low-Power uP Supervisory Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1901 Datasheet(HTML) 3 Page - ams AG

  AS1901_1 Datasheet HTML 1Page - ams AG AS1901_1 Datasheet HTML 2Page - ams AG AS1901_1 Datasheet HTML 3Page - ams AG AS1901_1 Datasheet HTML 4Page - ams AG AS1901_1 Datasheet HTML 5Page - ams AG AS1901_1 Datasheet HTML 6Page - ams AG AS1901_1 Datasheet HTML 7Page - ams AG AS1901_1 Datasheet HTML 8Page - ams AG AS1901_1 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.austriamicrosystems.com
Revision 1.51
3 - 9
AS1901, AS1902, AS1903
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical
Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Table 2. Absolute Maximum Ratings (TA = 25°C Unless Otherwise Noted)
Parameter
Limits
Unit
Notes
VDD to GND
-0.3 to +5
V
RESET/RESETN to GND
-0.3 to VDD + 0.3
V
Input Current (VDD)
20
mA
Output Current (RESET, RESETN)
20
mA
Rate of Rise (VDD)
100
V/µs
Operating Temperature Range (TA)
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Package-Body Peak Temperature
+260
°C
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for non-hermetic
Solid State Surface Mount Devices”


Similar Part No. - AS1901_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1901C23 AMSCO-AS1901C23 Datasheet
76Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
AS1901C23 AMSCO-AS1901C23 Datasheet
673Kb / 10P
   Ultra Low-Power P Supervisory Circuit
AS1901C26 AMSCO-AS1901C26 Datasheet
76Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
AS1901C26 AMSCO-AS1901C26 Datasheet
673Kb / 10P
   Ultra Low-Power P Supervisory Circuit
AS1901C31 AMSCO-AS1901C31 Datasheet
76Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
More results

Similar Description - AS1901_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1904 AMSCO-AS1904_1 Datasheet
184Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
AS1901 AMSCO-AS1901 Datasheet
76Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
AS1904 AMSCO-AS1904 Datasheet
87Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
AS1901 AMSCO-AS1901_04 Datasheet
673Kb / 10P
   Ultra Low-Power P Supervisory Circuit
AS1904 AMSCO-AS1904_04 Datasheet
639Kb / 10P
   Ultra Low-Power P Supervisory Circuit
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
   uP Supervisory Circuit
logo
Alliance Semiconductor ...
ASM161 ALSC-ASM161 Datasheet
245Kb / 9P
   uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com