Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1706 Datasheet(PDF) 11 Page - ams AG

Part # AS1706
Description  1.6W Audio Power Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1706 Datasheet(HTML) 11 Page - ams AG

Back Button AS1706 Datasheet HTML 7Page - ams AG AS1706 Datasheet HTML 8Page - ams AG AS1706 Datasheet HTML 9Page - ams AG AS1706 Datasheet HTML 10Page - ams AG AS1706 Datasheet HTML 11Page - ams AG AS1706 Datasheet HTML 12Page - ams AG AS1706 Datasheet HTML 13Page - ams AG AS1706 Datasheet HTML 14Page - ams AG AS1706 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com
Revision 1.52
11 - 17
AS1701, AS1706
Data Sheet - Ap p lica tio n In fo r m a tio n
9 Application Information
BTL Amplifier
The AS1701/AS1706 are designed to drive loads differentially in a bridge-tied load (BTL) configuration.
Figure 30. Bridge-Tied Load Configuration
Driving the load differentially doubles the output voltage (illustrated in Figure 30) compared to a single-ended amplifier
under similar conditions. Thus, the differential gain of the device is twice the closed-loop gain of the input amplifier. The
effective gain is calculated by:
Substituting 2 x VOUT(P-P) into (EQ 3) and (EQ 4) yields four times the output power due to doubling of the output volt-
age.
Since the differential outputs are biased at mid-supply, there is no net DC voltage across the load, eliminating the need
for the large, expensive, performance degrading DC-blocking capacitors required by single-ended amplifiers.
Power Dissipation and Heat Sinking
Normally, the devices dissipate a significant amount of power. The maximum power dissipation is given in Table 2 as
Continuous Power Dissipation, or it can be calculated by:
where TJ(MAX) is +150°C, TAMB (see Table 2) is the ambient temperature, and
ΘJA is the reciprocal of the derating fac-
tor in °C/W.
The increased power delivered by a BTL configuration normally results in increased internal power dissipation versus
a single-ended configuration. The maximum internal power dissipation for a given VDD and load is calculated by:
+1
-1
VOUT(P-P)
VOUT(P-P)
2 x VOUT(P-P)
AVD = 2 x
RIN
(EQ 2)
RF
VRMS =
2 2
(EQ 3)
VOUT(P-P)
POUT =
RL
(EQ 4)
VRMS
2
PDISSPKF(MAX) =
ΘJA
(EQ 5)
TJ(MAX) -TA
PDISSPKF(MAX) =
π2RL
(EQ 6)
2VDD
2


Similar Part No. - AS1706

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
AS1702 AMSCO-AS1702 Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
AS1702-T AMSCO-AS1702-T Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
AS1702-T AMSCO-AS1702-T Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
More results

Similar Description - AS1706

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
STMicroelectronics
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
   1.6W AUDIO AMPLIFIER
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
   1.6W AUDIO AMPLIFIER
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
   Audio Power Amplifiers (Continued)
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
   Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
   Dual 5.8W Audio Power Amplifiers
logo
Texas Instruments
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com