Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1507 Datasheet(PDF) 8 Page - ams AG

Part # AS1507
Description  Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1507 Datasheet(HTML) 8 Page - ams AG

Back Button AS1507 Datasheet HTML 4Page - ams AG AS1507 Datasheet HTML 5Page - ams AG AS1507 Datasheet HTML 6Page - ams AG AS1507 Datasheet HTML 7Page - ams AG AS1507 Datasheet HTML 8Page - ams AG AS1507 Datasheet HTML 9Page - ams AG AS1507 Datasheet HTML 10Page - ams AG AS1507 Datasheet HTML 11Page - ams AG AS1507 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 17
AS1507
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 15. Wiper Resistance vs. TAP; 5V
Figure 16. Wiper Resistance vs. TAP; 3V
Figure 17. DAC Resistor vs. Temperature
Figure 18. Gain vs. Bandwidth
Figure 19. EEPROM Data Retention vs. Temperature
0
20
40
60
80
100
120
0
32
64
96 128 160 192 224 256
Tap Position
0
20
40
60
80
100
120
140
160
180
0
32
64
96 128 160 192 224 256
Tap Position
-12
-9
-6
-3
0
1
10
100
1000
10000
Frequency (kHz)
10k
Ω
50k
Ω
100k
Ω
110
111
112
113
114
115
116
117
118
25
35
45
55
65
75
85
Temperature (°C)
10
100
1000
10000
25
45
65
85
105
125
Temperature (°C)


Similar Part No. - AS1507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS150 ETC-AS150 Datasheet
442Kb / 4P
   HOL-SEALERS Hole Seals
logo
MotionKing Motor Indust...
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
   AC Servo Motors
logo
Astrodyne Corporation
AS150-12 ASTRODYNE-AS150-12 Datasheet
489Kb / 2P
   150W Single Output Switching Power Supply
AS150-15 ASTRODYNE-AS150-15 Datasheet
489Kb / 2P
   150W Single Output Switching Power Supply
logo
MotionKing Motor Indust...
AS150-15-230E25 MOTIONKING-AS150-15-230E25 Datasheet
165Kb / 2P
   AC Servo Motors
More results

Similar Description - AS1507

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1506 AMSCO-AS1506 Datasheet
88Kb / 2P
   256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1506 AMSCO-AS1506_1 Datasheet
537Kb / 17P
   256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Maxim Integrated Produc...
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com