Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1361 Datasheet(PDF) 7 Page - ams AG

Part # AS1361
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1361 Datasheet(HTML) 7 Page - ams AG

Back Button AS1361_1 Datasheet HTML 3Page - ams AG AS1361_1 Datasheet HTML 4Page - ams AG AS1361_1 Datasheet HTML 5Page - ams AG AS1361_1 Datasheet HTML 6Page - ams AG AS1361_1 Datasheet HTML 7Page - ams AG AS1361_1 Datasheet HTML 8Page - ams AG AS1361_1 Datasheet HTML 9Page - ams AG AS1361_1 Datasheet HTML 10Page - ams AG AS1361_1 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.austriamicrosystems.com
Revision 1.03
7 - 15
AS1361/AS1362
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 8. Ground Pin Current vs. Input Voltage
Figure 9. Ground Pin Current vs. Load Current
0
25
50
75
100
125
150
0123456
Input Voltage (V)
IOUT = 0mA
IOUT= 300mA
IOUT = 150mA
35
40
45
50
55
60
65
70
75
80
0
50
100
150
200
250
300
Load Current (mA)
Figure 10. Ground Pin Current vs. Temperature
Figure 11. PSRR vs. Frequency; IOUT = 10mA
25
30
35
40
45
50
-40
-15
10
35
60
85
Temperature (°C)
0
20
40
60
80
100
0.01
1
100
10000
Frequency (kHz)
Figure 12. Output Noise Spectral Density vs. Freq.
Figure 13. Output Noise vs. Bypass Capacitance
10
100
1000
10000
0.01
0.1
1
10
100
Frequency (kHz)
5
6
7
8
9
10
11
12
13
14
15
110
100
Capacitance (nF)


Similar Part No. - AS1361_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1361-BTTT-15 AMSCO-AS1361-BTTT-15 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361-BTTT-18 AMSCO-AS1361-BTTT-18 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361-BTTT-25 AMSCO-AS1361-BTTT-25 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361-BTTT-26 AMSCO-AS1361-BTTT-26 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361-BTTT-27 AMSCO-AS1361-BTTT-27 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
More results

Similar Description - AS1361_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com