Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1360 Datasheet(PDF) 2 Page - ams AG

Part # AS1360
Description  1.5uA Low-Power, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 2 Page - ams AG

  AS1360_1 Datasheet HTML 1Page - ams AG AS1360_1 Datasheet HTML 2Page - ams AG AS1360_1 Datasheet HTML 3Page - ams AG AS1360_1 Datasheet HTML 4Page - ams AG AS1360_1 Datasheet HTML 5Page - ams AG AS1360_1 Datasheet HTML 6Page - ams AG AS1360_1 Datasheet HTML 7Page - ams AG AS1360_1 Datasheet HTML 8Page - ams AG AS1360_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.austriamicrosystems.com/AS1360
Revision 1.04
2 - 12
AS1360
Datasheet - P i n o u t and Pa ckag ing
4 Pinout and Packaging
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1GND
Ground. This pin should be connected to the negative side of the output and
the negative terminal of the input capacitor. No high-current flows out of this
pin, only bias current (1.5µA, typ).
Note: Voltage drops between this pin and the negative side of the load
should be minimized.
2VOUT
Regulated Output Voltage. This pin should be connected to the positive
side of the load and the positive terminal of the output capacitor. Current
flowing out of this pin is equivalent DC load current.
Note: The positive side of the output capacitor should be mounted as close
as is practical to this pin.
3VIN
Unregulated Input Voltage. This pin should be connected to the positive
terminal of the input capacitor.
Note: The input capacitor should be mounted as close as is practical to this
pin.
3
1
3-pin SOT23
VIN
GND
VOUT
2
AS1360


Similar Part No. - AS1360_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1360-18-T AMSCO-AS1360-18-T Datasheet
1Mb / 14P
   1.5A Low-Power, Posi t ive Vol tage Regulator
AS1360 AMSCO-AS1360_11 Datasheet
1Mb / 14P
   1.5A Low-Power, Posi t ive Vol tage Regulator
More results

Similar Description - AS1360_1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6239 HMSEMI-HM6239 Datasheet
568Kb / 7P
   250mA load, 1.5uA low power consumption, 30V high withstand voltage linear regulator
HM6217 HMSEMI-HM6217 Datasheet
451Kb / 7P
   250mA Loaded, 1.5uA Low Power, Suppressed Output Overshoot, 30V High-Voltage Linear Regulator
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
   Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com