Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43699C5226Q007 Datasheet(PDF) 5 Page - EPCOS

Part # B43699C5226Q007
Description  Aluminum electrolytic capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43699C5226Q007 Datasheet(HTML) 5 Page - EPCOS

  B43699C5226Q007 Datasheet HTML 1Page - EPCOS B43699C5226Q007 Datasheet HTML 2Page - EPCOS B43699C5226Q007 Datasheet HTML 3Page - EPCOS B43699C5226Q007 Datasheet HTML 4Page - EPCOS B43699C5226Q007 Datasheet HTML 5Page - EPCOS B43699C5226Q007 Datasheet HTML 6Page - EPCOS B43699C5226Q007 Datasheet HTML 7Page - EPCOS B43699C5226Q007 Datasheet HTML 8Page - EPCOS B43699C5226Q007 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Bulk
Ordering code
Pallet package
Ordering code
Reel
∇ Variant with different case dimensions
450
10
12
× 30
B43699B5106Q000 B43699B5106Q007 B43699B5106Q009
15
12
× 39
B43699B5156Q000 B43699B5156Q007
15
14
× 30
B43699C5156Q000 B43699C5156Q007 B43699C5156Q009
22
13.3
× 39
B43699B5226Q000 B43699B5226Q007
22
16
× 30
B43699C5226Q000 B43699C5226Q007 B43699C5226Q009
33
16
× 39
B43699B5336Q000 B43699B5336Q007
33
18
× 30
B43699C5336Q000 B43699C5336Q007
47
18
× 39
B43699B5476Q000 B43699B5476Q007
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
ESRmax
100 Hz
20
°C
ESRmax
100 Hz
25
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,max
10 kHz
60
°C
A
IAC,max
10 kHz
85
°C
A
IAC,R
10 kHz
105
°C
A
∇ Variant with different case dimensions
VR = 450 V DC
10
6.1
10.1
200
4.7
4.6
1.15
0.94
0.49
15
4.1
6.8
130
3.1
3.0
1.60
1.31
0.69
15
4.1
6.8
130
3.1
3.0
1.51
1.23
0.65
22
2.8
4.6
90
2.2
2.0
2.03
1.66
0.87
22
2.8
4.6
90
2.2
2.0
1.94
1.58
0.83
33
1.9
3.1
60
1.4
1.3
2.70
2.20
1.16
33
1.9
3.1
60
1.4
1.3
2.47
2.01
1.06
47
1.3
2.1
40
1.1
1.0
3.35
2.73
1.44
B43699
High performance, compact
105
°C
Page 5 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43699C5226Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43699C5226Q007 EPCOS-B43699C5226Q007 Datasheet
350Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B43699C5226Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com