Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL205 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # RL205
Description  MINIATURE PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

RL205 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  RL205 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. RL205 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
RL201 thru RL207
MINIATURE PLASTIC SILICON RECTIFIER
MINIATURE PLASTIC SILICON RECTIFIER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Operating and Storage Temperature Range, TJ, TSTG
Typical Junction Capacitance See (Note 1)
Typical Thermal Resistance (Note 2) R JA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rted load (JEDEC method)
Maximum Average Forward Rectified Current
0
.375", 9.5mm Lead Length at T =60 C
A
0
Maximum Reverse Current T =25 C
A
0
at Rated DC Blocking Voltage T =100 C
A
Maximum Forward Voltage at 2.0A
RL201
RL202
RL203
RL204
RL205
RL206
RL207
UNITS
50
100
200
400
600
800
1000
V
V
V
V
pF
0C
0C / W
A
A
35
70
140
280
420
560
700
50
100
200
400
5.0
500
-55 to +150
2.0
70
1.1
40
25
600
800
1000
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Rating at 25 C ambient temperature unless specified. Resistive or inductive load, 60Hz.
For capacitance load derate current by 20%.
A
A
Notes : 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length P.C.B. mounted.
FEATURE
Plastic package has underwriters laboratory
Flammability classification 94V-O utilizing
Flame retardant epoxy molding compound.
0
2.0 ampere operation at TA=55 C with no
thermal runaway
Exceeds environmental standard of MIL-STD-
19500/228
MECHANICAL DATA
Case:Molded plastic ,DO-15
Terminals:axial leads ,solderable per
MIL-STD-202, Method 208
Polarity:Color band denotes cathode
Mounting position:Any
Weight:0.015 ounce, 0.4 gram
VOLTAGE-50 TO 1000 Volts
CURRENT -2.0 Amperes
DO-15


Similar Part No. - RL205

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
RL205 GXELECTRONICS-RL205 Datasheet
312Kb / 2P
   2.0A SILICON RECTIFIER
logo
Wing Shing Computer Com...
RL205 WINGS-RL205 Datasheet
251Kb / 2P
   SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Shanghai Leiditech Elec...
RL205 LEIDITECH-RL205 Datasheet
530Kb / 2P
   General-purpose Plastic Rectifiers
logo
Micro Commercial Compon...
RL205 MCC-RL205 Datasheet
80Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Rugao Dachang Electroni...
RL205 DACHANG-RL205 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
More results

Similar Description - RL205

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A1 PANJIT-1A1_09 Datasheet
74Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
GP200PT CHENMKO-GP200PT Datasheet
81Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1A1 PANJIT-1A1_07 Datasheet
75Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER
logo
List of Unclassifed Man...
M100 ETC-M100 Datasheet
92Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1A1 KOOCHIN-1A1 Datasheet
382Kb / 2P
   MINIATURE GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
1AX HORNBY-1AX Datasheet
248Kb / 3P
   MINIATURE GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
UG1A VISHAY-UG1A_09 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
UG4A VISHAY-UG4A Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG06D-E3-54 VISHAY-UG06D-E3-54 Datasheet
72Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG1D-E3-73 VISHAY-UG1D-E3-73 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com