Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1359-BTTT-18 Datasheet(PDF) 10 Page - ams AG

Part # AS1359-BTTT-18
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1359-BTTT-18 Datasheet(HTML) 10 Page - ams AG

Back Button AS1359-BTTT-18 Datasheet HTML 6Page - ams AG AS1359-BTTT-18 Datasheet HTML 7Page - ams AG AS1359-BTTT-18 Datasheet HTML 8Page - ams AG AS1359-BTTT-18 Datasheet HTML 9Page - ams AG AS1359-BTTT-18 Datasheet HTML 10Page - ams AG AS1359-BTTT-18 Datasheet HTML 11Page - ams AG AS1359-BTTT-18 Datasheet HTML 12Page - ams AG AS1359-BTTT-18 Datasheet HTML 13Page - ams AG AS1359-BTTT-18 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
10 - 14
AS1358/AS1359
Datasheet - D e t a i l e d D e s c r i p t i o n
Current Limit
The AS1358/AS1359 include a current limiting circuitry to monitor and control the P-channel MOSFET pass transis-
tor’s gate voltage, thus limiting the device output current to 270mA (AS1358) and 510mA (AS1359).
Note: See Table 4 on page 4 for the recommended min and max current limits. The output can be shorted to ground
indefinitely without causing damage to the device.
Thermal Protection
Integrated thermal protection circuitry limits total power dissipation in the AS1358/AS1359. When the junction temper-
ature (TJ) exceeds +160ºC, the thermal sensor signals the shutdown logic, turning off the P-channel MOSFET pass
transistor and allowing the device to cool down. The thermal sensor turns the pass transistor on again after the
device’s junction temperature drops by 10ºC, resulting in a pulsed output during continuous thermal-overload condi-
tions.
Note: Thermal protection is designed to protect the devices in the event of fault conditions. For continuous operation,
do not exceed the absolute maximum junction temperature rating of +150ºC.
Operating Region and Power Dissipation
The AS1358/AS1359 maximum power dissipation is dependant on the thermal resistance of the case and PCB, the
temperature difference between the die junction and TAMB, and airflow rate.
Power dissipation across the device is calculated as:
PD = IOUT (VIN - VOUT)(EQ 1)
The maximum power dissipation is calculated:
PDMAX = (TJ - TAMB)/(
θJC + θCA)(EQ 2)
Where:
TJ - TAMB is the temperature difference between the AS1358/AS1359 die junction and the surrounding air;
θJC is the thermal resistance of the package;
θCA is the thermal resistance through the PC board/copper traces/other materials to the surrounding air.
Note: Pin GND of the AS1358/AS1359 provides the electrical connection to system ground and also serves as a heat
sink. Connect pin GND to the system ground using a large pad or ground plane.
Noise Reduction
The AS1358/AS1359 noise bypass circuitry dramatically reduces output noise, exhibiting 9µVRMS of output voltage
noise with CBYPASS = 0.01µF and COUT = 1µF. Use an external 0.01µF bypass capacitor between pin BYPASS and pin
OUT (see Figure 1 on page 1).
Note: Startup time is minimized by internal power-on circuitry which pre-charges CBYPASS.


Similar Part No. - AS1359-BTTT-18

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1359-BTTT-18 AMSCO-AS1359-BTTT-18 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
More results

Similar Description - AS1359-BTTT-18

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com