Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ20M Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # GBJ20M
Description  SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

GBJ20M Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  GBJ20M Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. GBJ20M Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing
molded plastic technique results in
inexpensive product
The plastic material has UL
flammability classification 94V-O
GBJ/KBJ20A thru GBJ/KBJ20M
CHENG- YI
CHENG- YI
ELECTRONIC
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
REVERSE VOLTAGE -50 to 1000 Volts
FORWARD CURRENT -20.0 Amperes
GBJ
KBJ
20A
GBJ
KBJ
20B
GBJ
KBJ
20D
GBJ
KBJ
20G
GBJ
KBJ
20J
GBJ
KBJ
20K
GBJ
KBJ
20M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Rating at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Average Forward (with heatsink Note 2)
0
T
Rectified Current @
=100 C
(without heatsink)
C
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
I(AV)
IFSM
V
F
T
J
TSTG
IR
Maximum RMS Voltage
Maximum DC Blocking Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum Forward Voltage at 10.0A DC
0
T
Maximum DC Reverse Current @ =25 C
J
0
T
at Rated DC Blocking Voltage @ =125 C
J
UNITS
50
100
200
400
600
800
1000
V
V
V
A
2
A S
0C
0C/W
0C
A
A
V
35
70
140
280
420
560
700
50
100
200
400
10
500
-55 to +150
-55 to +150
20.0
240
1.05
600
800
1000
2
I t Rating for fusing (t<8.3ms)
Typical Junction Capacitance
per element (Note 1)
Typical Thermal Resistance (Note 2)
2
It
C
J
RJC
240
60
0.8
F
P
3.6
NOTES: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Device mounted on 300mm x 300mm X 1.6mm Cu Plate Heatsink.
CHARACTERISTICS
SYMBOL
5.16
HIKE FOR NO.
6 SCRES
SPACING


Similar Part No. - GBJ20M

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
GBJ20M MOSPEC-GBJ20M Datasheet
167Kb / 2P
   GLASS PASSIVATED BRIDGE SINGLE-PHASE BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBJ20M ETC2-GBJ20M Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Zowie Technology Corpor...
GBJ20M ZOWIE-GBJ20M Datasheet
112Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Formosa MS
GBJ20M FORMOSA-GBJ20M Datasheet
98Kb / 6P
   Bridge Rectifier
logo
GeneSiC Semiconductor, ...
GBJ20M GENESIC-GBJ20M Datasheet
773Kb / 3P
   Compliant with RoHS Provisions
More results

Similar Description - GBJ20M

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBU4A CHENG-YI-GBU4A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6A CHENG-YI-GBU6A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ25A CHENG-YI-KBJ25A Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8A CHENG-YI-GBU8A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 CHENG-YI-GBL005 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8A CHENG-YI-KBJ8A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ15A CHENG-YI-KBJ15A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU10A CHENG-YI-GBU10A Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBU10A CHENG-YI-KBU10A Datasheet
125Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ6A CHENG-YI-KBJ6A Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com