Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ6K Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # KBJ6K
Description  SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

KBJ6K Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  KBJ6K Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. KBJ6K Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing
molded plastic technique results in
inexpensive product
The plastic material has UL
flammability classification 94V-O
GBJ/KBJ6A thru GB /KBJ6M
J
CHENG- YI
CHENG- YI
ELECTRONIC
GBJ
KBJ
6A
GBJ
KBJ
6B
GBJ
KBJ
6D
GBJ
KBJ
6G
GBJ
KBJ
6J
GBJ
KBJ
6K
GBJ
KBJ
6M
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
REVERSE VOLTAGE -50 to 1000 Volts
FORWARD CURRENT -6.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Average Forward (with heatsink Note2)
0
T
Rectified Current @
=100 C
(without heatsink)
C
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
I(AV)
IFSM
V
F
TJ
TSTG
IR
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load(JEDEC Method)
Maximum DC Forward Voltage at 3.0A DC
0
T
Maximum DC Reverse Current @
=25 C
A
0
T
at rated DC Blocking Voltage
@
=125 C
A
UNITS
50
100
200
400
600
800
1000
V
V
V
A
2
A S
0C
0C/W
0C
A
A
V
35
70
140
280
420
560
700
50
100
200
400
5.0
500
-55 to +150
-55 to +150
6.0
170
1.0
600
800
1000
2
I t Rating for fusing (t<8.3ms)
Typical Junction Capacitance per element(Note1)
Typical Thermal Resistance (Note2)
2
It
CJ
RJC
120
55
1.8
F
P
2.8
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Device mounted on 75mm x 75mm X 1.6mm Cu Plate Heatsink.
5.16
HIKE FOR NO.
6 SCRES
SPACING


Similar Part No. - KBJ6K

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ6K WTE-KBJ6K Datasheet
51Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBJ6K BILIN-KBJ6K Datasheet
459Kb / 4P
   SuperPlanar Bridge Rectifiers
logo
Dc Components
KBJ6K DCCOM-KBJ6K Datasheet
419Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ6K WTE-KBJ6K Datasheet
76Kb / 4P
   6.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ6K DAESAN-KBJ6K Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - KBJ6K

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBU4A CHENG-YI-GBU4A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ20A CHENG-YI-KBJ20A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6A CHENG-YI-GBU6A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ25A CHENG-YI-KBJ25A Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8A CHENG-YI-GBU8A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 CHENG-YI-GBL005 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8A CHENG-YI-KBJ8A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ15A CHENG-YI-KBJ15A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU10A CHENG-YI-GBU10A Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBU10A CHENG-YI-KBU10A Datasheet
125Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com