Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS408G Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # RS408G
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

RS408G Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  RS408G Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. RS408G Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES
KBJ4005G THRU KBJ410G
RS4005G THRU RS410G
Fig.1 - MAXIMUM FORWARD SURGE CURRENT
0
CASE TEMPERATURE, C
25
50
75
100
125
150
1
2
3
4
5
60Hz RESISTIVE OR
INDUCTIVE LOAD
1
2
5
10
20
50
100
20
0
60
40
80
100
120
NUMBER OF CYCLES AT 60 Hz
Fig.4 - MAXIMUM NON-REPETITIVE SURGE CURRENT
0
T =150C
J
single sine-wave
(JEDEC Method)
Fig.5 - TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0
20
60
40
80
.01
1.0
10
100
1000
100
140
120
0
T =125C
J
0
T =150C
J
0
T =100C
J
0
T =25 C
J
Fig.2 - TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.01
0.4
0.2
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1.0
10
0
T =150C
J
0
T =25 C
J
Fig.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
50
10
100
1
4
10
100
0
T =25 C
J
f=1.0MHz
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
RS4005G thru RS410G
KBJ4005G thru KBJ410G


Similar Part No. - RS408G

ManufacturerPart #DatasheetDescription
logo
Dc Components
RS408 DCCOM-RS408 Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RS408 CHENG-YI-RS408 Datasheet
115Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Zibo Seno Electronic En...
RS408M ZSELEC-RS408M Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RS408G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
   Single-phase Silicon Bridge
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com