Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ8K Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # GBJ8K
Description  SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

GBJ8K Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  GBJ8K Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. GBJ8K Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
GBJ/KBJ8A THRU GBJ/KBJ8M
CHENG- YI
CHENG- YI
ELECTRONIC
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
SILICON BRIDGE RECTIFIERS
GLASS PASSIVATED
BRIDGE RECTIFIERS
GBJ/KBJ8A thru GBJ/KBJ8M
FIG. 2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
FIG. 1 - FORWARD CURRENT DERATING CURVE
0
CASE TEMPERATURE, C
20
40
60
80
100
120
140
0
0.0
2.0
3.0
4.0
5.0
6.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
WITHOUT HEATSINK
WITH HEATSINK
1
2
5
10
20
50
100
180
160
140
120
100
80
60
40
20
0
NUMBER OF CYCLES AT 60Hz
Single Half Sine-Wave
(JEDEC METHOD)
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1.0
1.0
4.0
10.0
100
10
100
0
T =25C, f= 1MHz
J
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
T =25C
J
PULSE WIDTH:300
S
1000
100
10
1.0
0.1
0
20
40
60
80
100
0
T =125C
J
0
T =50 C
J
0
T =100C
J
0
T =25 C
J


Similar Part No. - GBJ8K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ8K PANJIT-GBJ8K Datasheet
120Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
First Silicon Co., Ltd
GBJ8K FS-GBJ8K Datasheet
202Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
logo
Won-Top Electronics
GBJ8K WTE-GBJ8K Datasheet
61Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBJ8K PANJIT-GBJ8K Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBJ8K SECOS-GBJ8K Datasheet
213Kb / 2P
   -8 .0 AMP Glass Passivated Bridge Rectifiers
More results

Similar Description - GBJ8K

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBU4A CHENG-YI-GBU4A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ20A CHENG-YI-KBJ20A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6A CHENG-YI-GBU6A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ25A CHENG-YI-KBJ25A Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8A CHENG-YI-GBU8A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 CHENG-YI-GBL005 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ15A CHENG-YI-KBJ15A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU10A CHENG-YI-GBU10A Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBU10A CHENG-YI-KBU10A Datasheet
125Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ6A CHENG-YI-KBJ6A Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com