Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS602 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # RS602
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

RS602 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  RS602 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. RS602 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
RS6 SERIES
RS6 SERIES
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
CHENG- YI
ELECTRONIC
Fig.1 - DERATING CURVE
OUTPUT RECTIFIED CURRENT
0
TEMPERATURE, C
0
0
1.0
2.0
3.0
4.0
5.0
6.0
150
100
50
MOUNTED ON 4x4 INCH
COPER PC BOARD-TA
0.51 1.27mm LEAD LENGTH
Fig.2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.1
0.2
0.4
1.0
4.0
10
20
40
100
0.6
0.8
0.9
0.7
1.0
1.2
1.1
1.3
0
T =25 C
J
Pulse Width=300s
1% OUTY CYCLE
1
10
100
25
50
75
100
125
150
175
200
NUMBER OF CYCLES AT 60 Hz
Fig.3 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
T =150C
J
8.3ms Single Half-Wave
JEDEC Method
Fig.4 - TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0
20
100
60
140
40
120
80
.01
0.1
1.0
10
0
T =25 C
A
0
T =100C
C
Fig.5 - TYPICAL JUNCTION CAPACITANCE
PER ELEMENT
.01
1
10
50
100
100
150
200
250
REVERSE VOLTAGE, VOLTS
0
T =25 C
J
HEAT-SINK
MOUNTING


Similar Part No. - RS602

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS602 RECTRON-RS602 Datasheet
55Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Shanghai Lunsure Electr...
RS602 CHENYI-RS602 Datasheet
48Kb / 2P
   6Amp single phase bridge rectifier 50to1000 volts
logo
New Jersey Semi-Conduct...
RS602 NJSEMI-RS602 Datasheet
87Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
RS602 BYTES-RS602 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
RS602 SY-RS602 Datasheet
237Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - RS602

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
   Single-phase Silicon Bridge
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com