Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF601 Datasheet(PDF) 2 Page - Transys Electronics

Part # UF601
Description  ULTRAFAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

UF601 Datasheet(HTML) 2 Page - Transys Electronics

  UF601 Datasheet HTML 1Page - Transys Electronics UF601 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - UF601

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF601 PANJIT-UF601 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
UF601 DAESAN-UF601 Datasheet
325Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Unisonic Technologies
UF601 UTC-UF601 Datasheet
173Kb / 3P
   0.185A, 600V N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
SUNMATE electronic Co.,...
UF601 SUNMATE-UF601 Datasheet
340Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
UF601 NJSEMI-UF601 Datasheet
149Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
More results

Similar Description - UF601

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF800 PANJIT-UF800 Datasheet
71Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Transys Electronics
UF150 TRSYS-UF150 Datasheet
156Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
UF600 NJSEMI-UF600 Datasheet
149Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
International Rectifier
10DF6 IRF-10DF6 Datasheet
53Kb / 4P
   ULTRAFAST SWITCHING RECTIFIER
logo
Transys Electronics
UF100 TRSYS-UF100 Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF1600 TRSYS-UF1600 Datasheet
176Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF300 TRSYS-UF300 Datasheet
154Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF200 PANJIT-UF200_09 Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Transys Electronics
UF100S TRSYS-UF100S Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF200 TRSYS-UF200 Datasheet
153Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com