Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBP310 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # GBP310
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

GBP310 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  GBP310 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. GBP310 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
GBP3005 THRU GBP310
CHENG- YI
CHENG- YI
ELECTRONIC
1.0
3.0
2.0
20
100
60
140
40
120
80
Fig.1 - DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
0
AMBIENT TEMPERATURE, C
.01
0.1
1.0
10
20
0
100
60
140
40
120
80
Fig.3 - TYPICAL FORWARD
CHARACTERISTICS
TJ = 25 0C
PERCENT OF RATED PEAK
REVERSE VOLTAGE
100
10
1
0
30
40
50
60
70
80
NUMBER OF CYCLES AT 60 Hz
FIG.4 - MAXIMUM FORWARD SURGE CURRENT
0
T =25 C
J
.01
0.1
1.0
10
20
Fig.2 - DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ = 25
0C
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
GBP3005 thru GBP310


Similar Part No. - GBP310

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GBP310 LUGUANG-GBP310 Datasheet
165Kb / 2P
   Silicon Bridge Rectifiers
logo
DAESAN ELECTRONIC CORP.
GBP310 DAESAN-GBP310 Datasheet
649Kb / 2P
   BRIDGE RECTIFIER
logo
Diode Semiconductor Kor...
GBP310 DSK-GBP310 Datasheet
163Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
GBP310 ASEMI-GBP310 Datasheet
145Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Chongqing Pingwei Enter...
GBP310 CHONGQING-GBP310 Datasheet
206Kb / 2P
   SINGLE PHASE3.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBP310

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
   Single-phase Silicon Bridge
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com