Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1341-BTDT Datasheet(PDF) 6 Page - ams AG

Part # AS1341-BTDT
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341-BTDT Datasheet(HTML) 6 Page - ams AG

Back Button AS1341-BTDT Datasheet HTML 2Page - ams AG AS1341-BTDT Datasheet HTML 3Page - ams AG AS1341-BTDT Datasheet HTML 4Page - ams AG AS1341-BTDT Datasheet HTML 5Page - ams AG AS1341-BTDT Datasheet HTML 6Page - ams AG AS1341-BTDT Datasheet HTML 7Page - ams AG AS1341-BTDT Datasheet HTML 8Page - ams AG AS1341-BTDT Datasheet HTML 9Page - ams AG AS1341-BTDT Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.austriamicrosystems.com
Revision 1.05
6 - 17
AS1341
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Efficiency vs. Input Voltage;
Figure 10. Output Voltage vs. Input Voltage;
70
75
80
85
90
95
100
5
8
11
14
17
20
Input Voltage (V)
VOUT=3.3V, IOUT=500mA
VOUT=5V, IOUT=500mA
VOUT=3.3V, IOUT=250mA
VOUT=5V, IOUT=250mA
4.85
4.9
4.95
5
5.05
5.1
5.15
5
8
11
14
17
20
Input Voltage (V)
IOUT =1mA
IOUT =100mA
IOUT =300mA
IOUT =500mA
IOUT =600mA
Figure 11. Output Voltage vs. Input Voltage;
VOUT = 3.3V
Figure 12. Peak Switch Current vs. Input Voltage;
VOUT = 3.3V
3.2
3.25
3.3
3.35
3.4
4
6
8
1012
14
161820
Input Voltage (V)
IOUT =1mA
IOUT =100mA
IOUT =300mA
IOUT =500mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
5
8
11
14
17
20
Input Voltage (V)
ILIMIT = high
L=10µH
ILIMIT = high
L=39µH
ILIMIT = low
L=10µH
ILIMIT = low
L=39µH
Figure 13. Switching Frequency vs. Output Current;
VIN = 12V, VOUT = 5V, L = 10µH
Figure 14. Switching Frequency vs. Output Current;
VIN = 12V, VOUT = 3.3V, L = 10µH
0
50
100
150
200
250
0
100
200
300
400
500
600
Output Current (mA)
ILIMIT = high
ILIMIT = low
0
50
100
150
200
250
0
100
200
300
400
500
600
Output Current (mA)
ILIMIT = high
ILIMIT = low


Similar Part No. - AS1341-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341-BTDT AMSCO-AS1341-BTDT Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341-BTDT-1K AMSCO-AS1341-BTDT-1K Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1341-BTDT-6K AMSCO-AS1341-BTDT-6K Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
More results

Similar Description - AS1341-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
Maxim Integrated Produc...
MAX1776 MAXIM-MAX1776 Datasheet
740Kb / 13P
   24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter
19-1975; Rev 2; 7/03
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
   600mA Step-Down Converter
April 2019 - Revision 04c
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
   2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836 Datasheet
394Kb / 13P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com