Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1341-BTDT Datasheet(PDF) 4 Page - ams AG

Part # AS1341-BTDT
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341-BTDT Datasheet(HTML) 4 Page - ams AG

  AS1341-BTDT Datasheet HTML 1Page - ams AG AS1341-BTDT Datasheet HTML 2Page - ams AG AS1341-BTDT Datasheet HTML 3Page - ams AG AS1341-BTDT Datasheet HTML 4Page - ams AG AS1341-BTDT Datasheet HTML 5Page - ams AG AS1341-BTDT Datasheet HTML 6Page - ams AG AS1341-BTDT Datasheet HTML 7Page - ams AG AS1341-BTDT Datasheet HTML 8Page - ams AG AS1341-BTDT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.austriamicrosystems.com
Revision 1.05
4 - 17
AS1341
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
DC Electrical Characteristics
VIN = +12V, SHDNN = VIN, TAMB = -40 to +85ºC. Typical values are at TAMB = +25ºC (unless otherwise specified).
Specifications based on circuit shown in Figure 1 on page 1.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage Range
4.5
20
V
VOUT
Output Voltage (Preset Output)
FB = GND
4.85
5.00
5.15
V
Output Voltage (Adjustable)
1.25
VIN
VDROPOUT
Dropout Voltage
IOUT = 600mA, ILIMIT = VIN
250
mV
Line Regulation
VIN = 6V to 20V, 200
Ω load
0.1
%/V
Load Regulation
ILIMIT = VIN, IOUT = 0 to 500mA
1
%
VFB
Feedback Set Voltage
(Adjustable Output)
1.212
1.25
1.288
V
IIN
Input Supply Current
No load
12
18
µA
IINDROP
Input Supply Current in
Dropout
No load
45
60
µA
Input Shutdown Current
SHDNN = GND
0.8
3
µA
VUVLO
Input Undervoltage Lockout
Threshold
VIN rising
3.6
4.0
4.4
V
VIN falling
3.5
3.9
4.3
OUT Bias Current
VOUT = 5.5V
2
3.5
5
µA
IFB
FB Bias Current
VFB = 1.3V
-25
+25
nA
FB Threshold Low
50
100
150
mV
Thermal Shutdown
10ºC hysteresis
145
ºC
DC-DC Switches
tOFFMIN
LX Switch Minimum Off-Time
0.2
0.4
0.6
µs
tONMAX
LX Switch Maximum On-Time
VFB = 1.3V
8
10
12
µs
RLX
LX Switch On-Resistance
VIN = 6V
0.4
0.8
Ω
VIN = 4.5V
0.5
0.95
ILXPEAK
LX Current Limit
ILIMIT = GND, L = 39µH
500
700
900
mA
ILIMIT = IN, L = 10µH
1000
1400
1800
LX Zero-Crossing Threshold
-75
+75
mV
Zero-Crossing Timeout
LX does not rise above the threshold
30
µs
LX Switch Leakage Current
VIN = 20V, LX = GND, TAMB = +25ºC
0.1
µA
VIN = 20V, LX = GND
1
Control Inputs
Digital Input Level
SHDNN, ILIMIT = GND
0.8
V
SHDNN, ILIMIT = IN
2.4
Digital Input Leakage Current
VSHDNN, VILIMIT = 0 to 20V, VIN = 20V
-100
+100
nA
Power-OK
Power-OK Threshold
Falling edge, relative to VOUT
90
92.5
95
%
POK Output Voltage Low
IPOK = 1mA
0.4
V
POK Output Leakage Current
VIN, VPOK = 16V, TAMB = 25°C
0.1
µA
VIN, VPOK = 16V
1


Similar Part No. - AS1341-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341-BTDT AMSCO-AS1341-BTDT Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341-BTDT-1K AMSCO-AS1341-BTDT-1K Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1341-BTDT-6K AMSCO-AS1341-BTDT-6K Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
More results

Similar Description - AS1341-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
Maxim Integrated Produc...
MAX1776 MAXIM-MAX1776 Datasheet
740Kb / 13P
   24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter
19-1975; Rev 2; 7/03
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
   600mA Step-Down Converter
April 2019 - Revision 04c
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
   2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836 Datasheet
394Kb / 13P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com