Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ5.0C Datasheet(PDF) 3 Page - Transys Electronics

Part # P6SMBJ5.0C
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

P6SMBJ5.0C Datasheet(HTML) 3 Page - Transys Electronics

  P6SMBJ5.0C Datasheet HTML 1Page - Transys Electronics P6SMBJ5.0C Datasheet HTML 2Page - Transys Electronics P6SMBJ5.0C Datasheet HTML 3Page - Transys Electronics P6SMBJ5.0C Datasheet HTML 4Page - Transys Electronics P6SMBJ5.0C Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UNI-DIRECTIONAL 600 Watt Surface Mount TVS
UNI-
DIRECTIONAL
PART
NUMBER
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @IT
TEST
CURRENT
IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@VRWM
IR (uA)
P6SMBJ5.0
P6SMBJ5.0A
P6SMBJ6.0
P6SMBJ6.0A
KD
KE
KF
KG
5.0
5.0
6.0
6.0
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
62.5
65.2
52.6
58.3
800
800
800
800
P6SMBJ6.5
P6SMBJ6.5A
P6SMBJ7.0
P6SMBJ7.0A
KH
KK
KL
KM
6.5
6.5
7.0
7.0
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
48.7
53.6
45.1
50.0
500
500
200
200
P6SMBJ7.5
P6SMBJ7.5A
P6SMBJ8.0
P6SMBJ8.0A
KN
KP
KQ
KR
7.5
7.5
8.0
8.0
8.33
8.33
8.89
8.89
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
42.0
46.5
40.0
44.1
100
100
50
50
P6SMBJ8.5
P6SMBJ8.5A
P6SMBJ9.0
P6SMBJ9.0A
KS
KT
KU
KV
8.5
8.5
9.0
9.0
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
37.7
41.7
35.5
39.0
10
10
5
5
P6SMBJ10
P6SMBJ10A
P6SMBJ11
P6SMBJ11A
KW
KX
KY
KZ
10.0
10.0
11.0
11.0
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
31.9
35.3
29.9
33.0
5
5
5
5
P6SMBJ12
P6SMBJ12A
P6SMBJ13
P6SMBJ13A
LD
LE
LF
LG
12.0
12.0
13.0
13.0
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
27.3
30.2
25.2
27.9
5
5
5
5
P6SMBJ14
P6SMBJ14A
P6SMBJ15
P6SMBJ15A
LH
LK
LL
LM
14.0
14.0
15.0
15.0
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
23.3
25.8
22.3
24.0
5
5
5
5
P6SMBJ16
P6SMBJ16A
P6SMBJ17
P6SMBJ17A
LN
LP
LQ
LR
16.0
16.0
17.0
17.0
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
20.8
23.1
19.7
21.7
5
5
5
5
P6SMBJ18
P6SMBJ18A
P6SMBJ20
P6SMBJ20A
LS
LT
LU
LV
18.0
18.0
20.0
20.0
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
18.6
20.5
16.7
18.5
5
5
5
5
P6SMBJ22
P6SMBJ22A
P6SMBJ24
P6SMBJ24A
LW
LX
LY
LZ
22.0
22.0
24.0
24.0
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
15.2
16.9
14.0
15.4
5
5
5
5
P6SMBJ26
P6SMBJ26A
P6SMBJ28
P6SMBJ28A
MD
ME
MF
MG
26.0
26.0
28.0
28.0
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
12.4
14.2
12.0
13.2
5
5
5
5
P6SMBJ30
P6SMBJ30A
P6SMBJ33
P6SMBJ33A
MH
MK
ML
MM
30.0
30.0
33.0
33.0
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
11.2
12.4
10.2
11.3
5
5
5
5
P6SMBJ36
P6SMBJ36A
P6SMBJ40
P6SMBJ40A
MN
MP
MQ
MR
36.0
36.0
40.0
40.0
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
9.3
10.3
8.4
9.3
5
5
5
5
P6SMBJ43
P6SMBJ43A
P6SMBJ45
P6SMBJ45A
MS
MT
MU
MV
43.0
43.0
45.0
45.0
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.7
69.4
80.3
72.7
7.8
8.6
7.5
8.3
5
5
5
5
P6SMBJ48
P6SMBJ48A
P6SMBJ51
P6SMBJ51A
MW
MX
MY
MZ
48.0
48.0
51.0
51.0
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
7.0
7.7
6.6
7.3
5
5
5
5
P6SMBJ54
P6SMBJ54A
P6SMBJ58
P6SMBJ58A
ND
NE
NF
NG
54.0
54.0
58.0
58.0
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
6.2
6.9
5.8
6.4
5
5
5
5
P6SMBJ60
P6SMBJ60A
P6SMBJ64
P6SMBJ64A
NH
NK
NL
NM
60.0
60.0
64.0
64.0
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
5.6
6.2
5.3
5.8
5
5
5
5


Similar Part No. - P6SMBJ5.0C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ5.0C PANJIT-P6SMBJ5.0C Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Surge Components
P6SMBJ5.0C SURGE-P6SMBJ5.0C Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Won-Top Electronics
P6SMBJ5.0C WTE-P6SMBJ5.0C Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMBJ5.0C WTE-P6SMBJ5.0C Datasheet
79Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P6SMBJ5.0C PANJIT-P6SMBJ5.0C Datasheet
115Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ5.0C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com