Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1334-BTDT-12 Datasheet(PDF) 8 Page - ams AG

Part # AS1334-BTDT-12
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334-BTDT-12 Datasheet(HTML) 8 Page - ams AG

Back Button AS1334-BTDT-12 Datasheet HTML 4Page - ams AG AS1334-BTDT-12 Datasheet HTML 5Page - ams AG AS1334-BTDT-12 Datasheet HTML 6Page - ams AG AS1334-BTDT-12 Datasheet HTML 7Page - ams AG AS1334-BTDT-12 Datasheet HTML 8Page - ams AG AS1334-BTDT-12 Datasheet HTML 9Page - ams AG AS1334-BTDT-12 Datasheet HTML 10Page - ams AG AS1334-BTDT-12 Datasheet HTML 11Page - ams AG AS1334-BTDT-12 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
8 - 17
AS1334
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 13. Shutdown Response; VIN=3.6V,
VOUT=3.0V, RLOAD=5
Ω
Figure 14. Shutdown Response; VIN=4.2V,
VOUT=3.0V, RLOAD=5
Ω
50µs/Div
50µs/Div
Figure 15. Line Transient Response; VIN=3.3V to
3.9V, IOUT=100mA, VOUT=3.0V
Figure 16. Timed Current Limit Response;
VIN = 3.6V, VOUT=3.0V
50µs/Div
10µs/Div
Figure 17. Output Voltage Ripple;
VOUT = 3.0V, IOUT = 200mA
Figure 18. VOUT Ripple in Skip Mode; VIN=3.31V,
VOUT=3.0V, RLOAD=5
Ω
200ns/Div
1µs/Div


Similar Part No. - AS1334-BTDT-12

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1334-BTDT-12 AMSCO-AS1334-BTDT-12 Datasheet
932Kb / 19P
   650mA, Ultra low Ripple Step Down DC/DC Converter
More results

Similar Description - AS1334-BTDT-12

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
   650mA, Ultra low Ripple Step Down DC/DC Converter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
logo
Texas Instruments
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
ams AG
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com