Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1155-T Datasheet(PDF) 3 Page - ams AG

Part # AS1155-T
Description  Single/Dual LVDS Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1155-T Datasheet(HTML) 3 Page - ams AG

  AS1155-T Datasheet HTML 1Page - ams AG AS1155-T Datasheet HTML 2Page - ams AG AS1155-T Datasheet HTML 3Page - ams AG AS1155-T Datasheet HTML 4Page - ams AG AS1155-T Datasheet HTML 5Page - ams AG AS1155-T Datasheet HTML 6Page - ams AG AS1155-T Datasheet HTML 7Page - ams AG AS1155-T Datasheet HTML 8Page - ams AG AS1155-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.austriamicrosystems.com
Revision 1.01
3 - 15
AS1153/55
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sec-
tions of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
VCC to GND
-0.3
+5.0
V
INx+, INx- to GND
-0.3
+5.0
V
OUTx to GND
-0.3
VCC + 0.3
V
Thermal Resistance
ΘJA
128
ºC/W
Typical 4-layer application
Storage Temperature Range
-65
+150
ºC
Maximum Junction Temperature
+150
ºC
Operating Temperature Range
-40
+85
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering
temperature (body temperature)
specified is in compliance with
IPC/JEDEC J-STD-020C
“Moisture/ Reflow Sensitivity
Classification for Non-Hermetic
Solid State Surface Mount
Devices”.
ESD Protection
-4
+4
kV
Human Body Model, INx+, INx-


Similar Part No. - AS1155-T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS115-61 SKYWORKS-AS115-61 Datasheet
429Kb / 2P
   GaAs IC SP4T Non-Reflective Switch DC-2 GHz
AS115-61 SKYWORKS-AS115-61 Datasheet
114Kb / 4P
   GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
   GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
AS1150-T AMSCO-AS1150-T Datasheet
160Kb / 15P
   Quad LVDS Receivers
More results

Similar Description - AS1155-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
SN65LVDS049 TI-SN65LVDS049_05 Datasheet
191Kb / 12P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65LVDS049 TI-SN65LVDS049_09 Datasheet
370Kb / 14P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65LVDS049 TI-SN65LVDS049 Datasheet
179Kb / 1P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
logo
Maxim Integrated Produc...
MAX9111 MAXIM-MAX9111 Datasheet
183Kb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 7/00
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com