Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1153 Datasheet(PDF) 6 Page - ams AG

Part # AS1153
Description  Single/Dual LVDS Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153 Datasheet(HTML) 6 Page - ams AG

Back Button AS1153 Datasheet HTML 2Page - ams AG AS1153 Datasheet HTML 3Page - ams AG AS1153 Datasheet HTML 4Page - ams AG AS1153 Datasheet HTML 5Page - ams AG AS1153 Datasheet HTML 6Page - ams AG AS1153 Datasheet HTML 7Page - ams AG AS1153 Datasheet HTML 8Page - ams AG AS1153 Datasheet HTML 9Page - ams AG AS1153 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.austriamicrosystems.com
Revision 1.01
6 - 15
AS1153/55
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VCC = +3.3V, VCM = +1.2V, |VID| = 0.2V, CLOAD = 10pF, TAMB = +25ºC, unless otherwise noted.
Figure 3. Supply Current vs. Frequency
Figure 4. Supply Current vs. Temperature
Figure 5. Diff. Threshold Voltage vs. VCC
Figure 6. Output Short-Circuit Current vs. VCC
Figure 7. Output Low Voltage vs. VCC
Figure 8. Output High Voltage vs. VCC
0
5
10
15
20
-45 -30 -15
0
15
30
45
60
75
90
Temperature(°C)
0
10
20
30
40
50
0
50
100
150
200
250
300
Frequency (MHz)
All Channels Switching
One Channel Switching
f = 100MHz
f = 1MHz
Low to High
High to Low
0
5
10
15
20
25
30
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
0
20
40
60
80
100
120
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage(V)
VTH
VTL
2.7
2.8
2.9
3
3.1
3.2
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
72
72,5
73
73,5
74
74,5
75
3
3,1
3,2
3,3
3,4
3,5
3,6
Supply Voltage (V)


Similar Part No. - AS1153

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
469Kb / 16P
   Dual LVDS Receiver
AS1153-T AMSCO-AS1153-T Datasheet
469Kb / 16P
   Dual LVDS Receiver
AS1153_V2 AMSCO-AS1153_V2 Datasheet
469Kb / 16P
   Dual LVDS Receiver
More results

Similar Description - AS1153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
SN65LVDS049 TI-SN65LVDS049_05 Datasheet
191Kb / 12P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65LVDS049 TI-SN65LVDS049_09 Datasheet
370Kb / 14P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65LVDS049 TI-SN65LVDS049 Datasheet
179Kb / 1P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
logo
Maxim Integrated Produc...
MAX9111 MAXIM-MAX9111 Datasheet
183Kb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 7/00
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com