Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1110-BSST Datasheet(PDF) 8 Page - ams AG

Part # AS1110-BSST
Description  Constant-Current, 16-Channel LED Driver with Diagnostics
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1110-BSST Datasheet(HTML) 8 Page - ams AG

Back Button AS1110-BSST Datasheet HTML 4Page - ams AG AS1110-BSST Datasheet HTML 5Page - ams AG AS1110-BSST Datasheet HTML 6Page - ams AG AS1110-BSST Datasheet HTML 7Page - ams AG AS1110-BSST Datasheet HTML 8Page - ams AG AS1110-BSST Datasheet HTML 9Page - ams AG AS1110-BSST Datasheet HTML 10Page - ams AG AS1110-BSST Datasheet HTML 11Page - ams AG AS1110-BSST Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.austriamicrosystems.com
Revision 1.04
8 - 24
AS1110
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1110 is designed to drive up to 16 LEDs through a fast serial interface and 16 constant-current output drivers.
Furthermore, the AS1110 provides diagnostics for detecting open- or shorted-LEDs, as well as over-temperature con-
ditions for LED display systems, especially LED traffic sign applications.
The AS1110 contains an 16-bit shift register and an 16-bit data register, which convert serial input data into parallel out-
put format. At AS1110 output stages, sixteen regulated current sinks are designed to provide uniform and constant cur-
rent with excellent matching between ports for driving LEDs within a wide range of forward voltage variations. External
output current is adjustable from 0.5 to 100mA using an external resistor for flexibility in controlling the brightness
intensity of LEDs. The AS1110 guarantees to endure 15V maximum at the outputs.
The serial interface is capable of operating at a minimum of 30 MHz, satisfying the requirements of high-volume data
transmission.
Using a multiplexed input/output technique, the AS1110 adds additional functionality to pins SDO, LD and OEN. These
pins provide highly useful functions (open- and shorted-LED detection, over-temperature detection), thus reducing pin
count. Over-temperature detection will work on-the-run, whereas the open- and shorted-LED detection can be used
on-the-run or in low-current diagnostic mode (see page 15).
Figure 8. Block Diagram
AS1110
REXT
OEN
CLK
SDI
LD
Current
Generators
Detailed
Error
Detection
16-Bit Data
Register
16-Bit Shift
Register
Temperature
Detection
16-Bit Open
Detection &
Error Register
16-Bit Short
Detection &
Error Register
Global
Error
Detection
SDO
Indicates 16 Bit Path
Control Logic
+VLED


Similar Part No. - AS1110-BSST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1110-BSST AMSCO-AS1110-BSST Datasheet
926Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110-BSST AMSCO-AS1110-BSST Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
More results

Similar Description - AS1110-BSST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
logo
Texas Instruments
TLC6C5716-Q1 TI1-TLC6C5716-Q1 Datasheet
627Kb / 49P
[Old version datasheet]   Automotive 16-Channel, Full Diagnostics, Constant-Current LED Driver
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com