Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM7234 Datasheet(PDF) 8 Page - Analog Devices

Part # ADUM7234
Description  Isolated Precision Half-Bridge Driver, 4 A Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM7234 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUM7234 Datasheet HTML 4Page - Analog Devices ADUM7234 Datasheet HTML 5Page - Analog Devices ADUM7234 Datasheet HTML 6Page - Analog Devices ADUM7234 Datasheet HTML 7Page - Analog Devices ADUM7234 Datasheet HTML 8Page - Analog Devices ADUM7234 Datasheet HTML 9Page - Analog Devices ADUM7234 Datasheet HTML 10Page - Analog Devices ADUM7234 Datasheet HTML 11Page - Analog Devices ADUM7234 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADuM7234
Rev. A | Page 8 of 12
APPLICATIONS INFORMATION
COMMON-MODE TRANSIENT IMMUNITY
In general, common-mode transients consist of linear and
sinusoidal components. The linear component of a common-
mode transient is given by
VCM, linear = (ΔV/Δt)t
where ΔV/Δt is the slope of the transient shown in Figure 11
and Figure 12.
The transient of the linear component is given by
dVCM/dt = ΔV/Δt
Figure 8 characterizes the ability of the ADuM7234 to operate
correctly in the presence of linear transients. The data, based on
design simulation, is the maximum linear transient magnitude
that the ADuM7234 can tolerate without an operational error.
This data shows a correlation with the data that is listed in
Table 4, which is based on measured data.
TEMPERATURE (°C)
100
–40
0
40
80
–20
20
60
50
45
35
40
30
25
20
15
10
5
0
BEST-CASE PROCESS VARIATION
WORST-CASE PROCESS VARIATION
Figure 8. Transient Immunity (Linear Transients) vs. Temperature
The sinusoidal component (at a given frequency) is given by
VCM, sinusoidal = V0sin(2πft)
where:
V0 is the magnitude of the sinusoidal.
f is the frequency of the sinusoidal.
The transient magnitude of the sinusoidal component is given by
dVCM/dt = 2πf V0
Figure 9 and Figure 10 characterize the ability of the ADuM7234
to operate correctly in the presence of sinusoidal transients.
The data is based on design simulation and is the maximum
sinusoidal transient magnitude (2πf V0) that the ADuM7234
can tolerate without an operational error. Values for immunity
against sinusoidal transients are not included in Table 4 because
measurements to obtain such values have not been possible.
FREQUENCY (MHz)
2000
0
500
1000
1500
1750
250
750
1250
250
200
150
100
50
0
BEST-CASE PROCESS VARIATION
WORST-CASE PROCESS VARIATION
Figure 9. Transient Immunity (Sinusoidal Transients),
27°C Ambient Temperature
FREQUENCY (MHz)
2000
0
500
1000
1500
1750
250
750
1250
250
100
150
200
50
0
BEST-CASE PROCESS VARIATION
WORST-CASE PROCESS VARIATION
Figure 10. Transient Immunity (Sinusoidal Transients),
100°C Ambient Temperature


Similar Part No. - ADUM7234

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM7234 AD-ADUM7234 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM7234BRZ AD-ADUM7234BRZ Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM7234BRZ-RL7 AD-ADUM7234BRZ-RL7 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results

Similar Description - ADUM7234

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
   Isolated Precision Half-Bridge Driver, 4 A Output
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM3223 AD-ADUM3223 Datasheet
422Kb / 20P
   Isolated Precision Half-Bridge Driver
REV. 0
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
   Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
   Galvanically isolated 4 A half-bridge gate driver
July 2022 - Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com