Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6602 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6602
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6602 Datasheet HTML 6Page - Analog Devices ADRF6602 Datasheet HTML 7Page - Analog Devices ADRF6602 Datasheet HTML 8Page - Analog Devices ADRF6602 Datasheet HTML 9Page - Analog Devices ADRF6602 Datasheet HTML 10Page - Analog Devices ADRF6602 Datasheet HTML 11Page - Analog Devices ADRF6602 Datasheet HTML 12Page - Analog Devices ADRF6602 Datasheet HTML 13Page - Analog Devices ADRF6602 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADRF6602
Rev. 0 | Page 10 of 24
Phase noise measurements made at LO output, unless otherwise noted.
1kHz OFFSET
100kHz OFFSET
1MHz OFFSET
10MHz OFFSET
INTERGRATED PHASE NOISE
10kHz OFFSET
–160
–150
–140
–130
–120
–110
–100
–90
–80
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1550
1650
1750
1850
1950
2050
2150
LO FREQUENCY (MHz)
Figure 10. PLL Spot Phase Noise at Various Offsets
and Integrated Phase Noise vs. LO Frequency
0.25× AND
0.5× PFD OFFSET
–110
–105
–100
–95
–90
–85
–80
–75
–70
1550
1650
1750
1850
1950
2050
2150
LO FREQUENCY (MHz)
1× PFD OFFSET
2× PFD OFFSET
4× PFD
OFFSET
Figure 11. PLL Reference Spurs vs. LO Frequency
–160
–150
–140
–130
–120
–110
–100
–90
80
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
LO = 1558.4MHz
LO = 2134.4MHz
Figure 12. Phase Noise vs. Offset Frequency and LO Frequency
(LO Frequency Varies from 1550 MHz to 2150 MHz)


Similar Part No. - ADRF6602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
504Kb / 24P
   2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6602 AD-ADRF6602 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
More results

Similar Description - ADRF6602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
   2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6620 AD-ADRF6620 Datasheet
2Mb / 52P
   700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
REV. 0
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
logo
Hittite Microwave Corpo...
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
ADRF6702 AD-ADRF6702 Datasheet
1Mb / 36P
   1200 MHz to 2400 MHz Quadrature Modulator with 1550 MHz to 2150 MHz Frac-N PLL
REV. 0
ADRF6755ACPZ AD-ADRF6755ACPZ Datasheet
2Mb / 48P
   100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com