Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRRQ Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SRRQ
Description  With Knob Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRRQ Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SRRQ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRRQ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRRQ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Incremental
Type
Absolute
Type
179
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Rotational
direction
Push
direction
List of Varieties
Soldering
Dimensions
(mm)
Shaft types
Operating
direction
Number of pulse/
Number of detent
Push switch
(Travel mm)
Optional
functions
W
D
H
Manual soldering
Type
Photo
Output
Changeover
angle
Page
Series
Dip soldering
Reflow soldering
Vertical/Horizontal
Without
With knob
SRGH
14.4
18
20
15.6
19
7.5
8
10.5
22.5°, 36°
15°, 24°, 30°, 45°
Shuttle part:All angles rotation 160°
Jog part:All angles rotation 360°
40°, 12.8°
Absolute type
Single-shaft/
Dual-shaft
202
206
204
Absolute type
SRRQ
SRGA
With Knob
Hollow shaft
Metal shaft
35
43.7
8.6
SRGPHJ
Jog-shuttle
208
Vertical
Single-shaft
Hollow shaft
The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Note
300±10℃, 3
s
+1
0
300±10℃, 3
s
+1
0
350±10℃, 3
s
+1
0
260
±5℃, 10±1s
Please see P.209
260
±5℃, 5±1s
1
Ω max.
100M
Ω min. 100V DC
100V AC for 1minute
Shall be in accordance with individual specifications.
5N for 1minute
5N
100N
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Initial contact
resistance
Output
voltage
Shuttle
part
Jog part
Insulation resistance
Voltage proof
Rotational torque
Terminal strength
Vibration
4V min. at 1mA 5V DC
(resistive load)
0.6 N
・m
Resistance to
soldering
heat
ー10℃ to +60℃
ー40℃ to +85℃
ー10℃ to +60℃
Operating temperature range
ー20±2℃ for 96h
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
Cold
Dry heat
Damp heat
Measuring
terminal
Measuring
circuit
5V
5K½
Encoders


Similar Part No. - SRRQ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SRR KEMET-SRR Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
IET Labs Inc.
SRR IET-SRR Datasheet
99Kb / 1P
   High Accuracy Standard Resistance
October 9 2013
logo
EIC discrete Semiconduc...
SRR0 EIC-SRR0 Datasheet
48Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
SRR0 GOOD-ARK-SRR0 Datasheet
168Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
EIC discrete Semiconduc...
SRR0 EIC-SRR0 Datasheet
55Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results

Similar Description - SRRQ

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK10J ALPS-RK10J Datasheet
319Kb / 6P
   With Knob Type
RK08H ALPS-RK08H Datasheet
263Kb / 6P
   Without Knob Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
   1.5mm-travel, with External Knob Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
   1.5mm-travel, with External Knob Type
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
   Panel-Mount Fuseholder with Bayonet-type Knob
HPF COOPER-HPF Datasheet
55Kb / 1P
   Panel-Mount Fuseholder with Screw-type Knob
logo
SparkFun Electronics
COM-09806 SPARKFUN-COM-09806 Datasheet
93Kb / 1P
   Trimpot 10K with Knob
5??5??7
logo
Vishay Siliconix
P16S VISHAY-P16S Datasheet
106Kb / 5P
   Knob Potentiometer with Switch
Revision: 24-Sep-15
P16S VISHAY-P16S_V01 Datasheet
101Kb / 5P
   Knob Potentiometer With Switch
01-Jan-2022
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com